Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 11Page - STMicroelectronics SPIRIT1 Datasheet HTML 12Page - STMicroelectronics SPIRIT1 Datasheet HTML 13Page - STMicroelectronics SPIRIT1 Datasheet HTML 14Page - STMicroelectronics SPIRIT1 Datasheet HTML 15Page - STMicroelectronics SPIRIT1 Datasheet HTML 16Page - STMicroelectronics SPIRIT1 Datasheet HTML 17Page - STMicroelectronics SPIRIT1 Datasheet HTML 18Page - STMicroelectronics SPIRIT1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 94 page
background image
SPIRIT1
Characteristics
Doc ID 022758 Rev 3
15/94
6.2.2
Digital SPI
Table 8.
Power consumption
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IBAT
Supply current
Shutdown (1)
1.
See Table 17.
-
2.5
-
nA
Standby (1)
600
nA
Sleep (1)
850
nA
Ready (default mode)(1)
400
µA
Tuning(1)
4.4
mA
RX (1)
9mA
TX (1) +11 dBm 169 MHz
TX (1) +11 dBm 315 MHz
TX (1) +11 dBm 433 MHz
TX (1) +11 dBm 868 MHz
TX (1) -8 dBm 169 MHz
TX (1) -8 dBm 315 MHz
TX (1) -7 dBm 433 MHz
TX (1) -7 dBm 868 MHz
21
22
19.5
21
6
6.5
7
7
mA
Table 9.
Digital SPI input and output (SDO, SDI, SCLK, CSn, and SDN) and GPIO
specification (GPIO_1-4)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
fclk
Clock frequency
10
MHz
CIN
Port I/O capacitance
1.4
pF
TRISE
Rise time
0.1*VDD to 0.9*VDD,
CL=20 pF (low output
current programming)
6.0
ns
0.1*VDD to 0.9*VDD,
CL=20 pF (high output
current programming)
2.5
TFALL
Fall time
0.1*VDD to 0.9*VDD,
CL=20 pF (low output
current programming)
7.0
ns
0.1*VDD to 0.9*VDD,
CL=20 pF (high output
current programming)
2.5
VIH
Logic high level input
voltage
VDD/2
+0.3
V
VIL
Logic low level input
voltage
VDD/8
+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com