Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 77 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 73Page - STMicroelectronics SPIRIT1 Datasheet HTML 74Page - STMicroelectronics SPIRIT1 Datasheet HTML 75Page - STMicroelectronics SPIRIT1 Datasheet HTML 76Page - STMicroelectronics SPIRIT1 Datasheet HTML 77Page - STMicroelectronics SPIRIT1 Datasheet HTML 78Page - STMicroelectronics SPIRIT1 Datasheet HTML 79Page - STMicroelectronics SPIRIT1 Datasheet HTML 80Page - STMicroelectronics SPIRIT1 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
77/94
PA_POWER[8]
0x10
7
Reserved
0
R/W
6:0
PA_LEVEL_7
000001
1
Output power level for 8th slot
(+12 dBm)
PA_POWER[7]
0x11
7
Reserved
0
R/W
6:0
PA_LEVEL_6
000111
0
Output power level for 7th slot
(+6 dBm)
PA_POWER[6]
0x12
7
Reserved
0
R/W
6:0
PA_LEVEL_5
001101
0
Output power level for 6th slot
(0 dBm)
PA_POWER[5]
0x13
7
Reserved
0
R/W
6:0
PA_LEVEL_4
010010
1
Output power level for 5th slot (-
6 dBm)
PA_POWER[4]
0x14
7
Reserved
0
R/W
6:0
PA_LEVEL_3
011010
1
Output power level for 4th slot (-
12 dBm)
PA_POWER[3]
0x15
7
Reserved
0
R/W
6:0
PA_LEVEL_2
100000
0
Output power level for 3rd slot (-
18 dBm)
PA_POWER[2]
0x16
7
Reserved
0
R/W
6:0
PA_LEVEL_1
100111
0
Output power level for 2nd slot
(-24 dBm)
PA_POWER[1]
0x17
7
Reserved
0
R/W
6:0
PA_LEVEL_0
000000
0
Output power level for first slot
(-30 dBm)
PA_POWER[0]
0x18
7:6
CWC[1:0]
00
R/W
Output stage additional load
capacitors bank (to be used to
optimize the PA for different
sub-bands):
00: 0 pF
01: 1.2 pF
10: 2.4 pF
11: 3.6 pF
5
PA_RAMP_ENABLE
0
1: enable the power ramping
4:3
PA_RAMP_STEP_WI
DTH[1:0]
00
Step width (unit: 1/8 of bit
period)
2:0
PA_LEVEL_MAX_IN
DEX
111
Final level for power ramping or
selected output power index.
Table 38.
Radio configuration registers (analog blocks) (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com