Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 52Page - STMicroelectronics SPIRIT1 Datasheet HTML 53Page - STMicroelectronics SPIRIT1 Datasheet HTML 54Page - STMicroelectronics SPIRIT1 Datasheet HTML 55Page - STMicroelectronics SPIRIT1 Datasheet HTML 56Page - STMicroelectronics SPIRIT1 Datasheet HTML 57Page - STMicroelectronics SPIRIT1 Datasheet HTML 58Page - STMicroelectronics SPIRIT1 Datasheet HTML 59Page - STMicroelectronics SPIRIT1 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
Transmission and reception
SPIRIT1
56/94
Doc ID 022758 Rev 3
Example 1
●
If the variable payload length is from 0 to 31 bytes, then LEN_WIDTH = 5
●
If the variable payload length is from 0 to 255 bytes, then LEN_WIDTH = 8
●
If the variable payload length is from 0 to 65535 bytes, then LEN_WIDTH = 16.
CRC (programmable/optional field): There are different polynomials CRC: 8 bits, 16 bits (2
polynomials are available) and 24 bits. When CRC automatic filtering is enabled, the
received packet is discarded automatically when CRC check fails.
9.7.2
Wireless M-Bus packet (W M-BUS, EN13757-4)
The WM-BUS packet structure is shown in the figure below (refer to EN13757 for details
about sub-mode specific radio setting).
The preamble consists of a number of chip sequences '01' whose length depends on the
chosen sub-mode according to EN13757-4. The length can be programmed using the
MBUS_PRMBL_CTRL, from a minimum to a maximum dictated from the standard
specification.
1st block, 2nd block, and optional blocks: can be defined by the user. The packet handler
engine uses the Manchester or the “3 out of 6” encoding for all the blocks according to the
defined sub-mode.
The postamble consists of a number of chip sequences '01' whose length depends on the
chosen sub-mode according to EN13757-4. The length can be programmed using the
MBUS_PSTMBL_CTRL, from a minimum to a maximum dictated from the standard
specification.
Bytes nx(01)
nx(01)
Preamble
Sync
1st block
2nd block
Opt. blocks
Postamble
Manchester or 3 out of 6 encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com