Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 81 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 77Page - STMicroelectronics SPIRIT1 Datasheet HTML 78Page - STMicroelectronics SPIRIT1 Datasheet HTML 79Page - STMicroelectronics SPIRIT1 Datasheet HTML 80Page - STMicroelectronics SPIRIT1 Datasheet HTML 81Page - STMicroelectronics SPIRIT1 Datasheet HTML 82Page - STMicroelectronics SPIRIT1 Datasheet HTML 83Page - STMicroelectronics SPIRIT1 Datasheet HTML 84Page - STMicroelectronics SPIRIT1 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
81/94
PCKTCTRL1
0x33
7:5
CRC_MODE[2:0]
001
R/W
CRC:
0: No CRC,
1: 0x07,
2: 0x8005,
3: 0x1021,
4: 0x864CBF
4WHIT_EN[0]
0
1: enable the whitening mode
on the data
3:2
TXSOURCE[1:0]
00
TX source data:
0: normal mode,
1: direct through FIFO,
2: direct through GPIO,
3: PN9
1
Reserved
0
0FEC_EN
0
1: enable the FEC encoding in
TX or enable the Viterbi
decoding in RX
PCKTLEN1
0x34
7:0
PCKTLEN1
0
R/W
Length of packet in bytes
(MSB)
PCKTLEN0
0x35
7:0
PCKTLEN0
0x14
R/W
Length of packet in bytes
(LSB)
SYNC4
0x36
7:0
SYNC4
0x88
R/W Sync word 4
SYNC3
0x37
7:0
SYNC3
0x88
R/W Sync word 3
SYNC2
0x38
7:0
SYNC2
0x88
R/W Sync word 2
SYNC1
0x39
7:0
SYNC1
0x88
R/W Sync word 1
QI
0x3A
7:6
SQI_TH[1:0]
00
R/W
SQI threshold (see
Section 9.10.5)
5:2
PQI_TH[3:0]
0000
PQI threshold (see
Section 9.10.4)
1
SQI_EN[0]
1
1: enable SQI
0
PQI_EN[0]
0
1: enable PQI
MBUS_PRMBL
0x3B
7:0
MBUS_PRMBL[7:0]
0x20
R/W
MBUS preamble length in chip
sequence ‘01’
MBUS_PSTMBL
0x3C
7:0
MBUS_PSTMBL[7:0]
0x20
R/W
MBUS postamble length in
chip sequence ‘01’
Table 40.
Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com