Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 62 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 58Page - STMicroelectronics SPIRIT1 Datasheet HTML 59Page - STMicroelectronics SPIRIT1 Datasheet HTML 60Page - STMicroelectronics SPIRIT1 Datasheet HTML 61Page - STMicroelectronics SPIRIT1 Datasheet HTML 62Page - STMicroelectronics SPIRIT1 Datasheet HTML 63Page - STMicroelectronics SPIRIT1 Datasheet HTML 64Page - STMicroelectronics SPIRIT1 Datasheet HTML 65Page - STMicroelectronics SPIRIT1 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
Transmission and reception
SPIRIT1
62/94
Doc ID 022758 Rev 3
Another event occurs when the FIFO goes into overflow or underflow.
The overflow happens when the data in the FIFO are more than 96 bytes. The underflow
happens when the SPIRIT1 accesses the FIFO locations to read data, but there is no data
present.
For example:
●
If it reads from the RX FIFO more data than the actual number of bytes in it, the RX
FIFO underflow/overflow error occurs for an underflow event.
●
If the SPIRIT1 receives a lot of data to fill the RX FIFO and exceeds the 96 bytes limit,
an RX FIFO underflow/overflow error occurs for an overflow event.
●
If it sends more data than the actual number of bytes in the TX FIFO, the TX FIFO
underflow/overflow error occurs for an underflow event.
●
If it writes more than 96 bytes in the TX FIFO, a TX FIFO underflow/overflow error
occurs for an overflow event.
An easy way to clean the FIFOs is to use the flush commands: FLUSHTXFIFO for the TX
FIFO and FLUSHRXFIFO for the RX FIFO.
The write TX FIFO operation needs an extra SPI transaction to write correctly the last byte
into the TX FIFO. Usually, this last SPI transaction is generated from the TX command sent
to transmit the data, otherwise a dummy SPI transaction must be done.
Using the auto-retransmission feature of the SPIRIT1 (packet format STack), if the packet is
more than 96 bytes, the packet must be reloaded into the TX FIFO by the MCU. However, if
the payload is 96 bytes or less, the SPIRIT1 handles the payload and it is not necessary to
reload the data into the TX FIFO at each retransmission.
●
In addition, if the transmitter does not receive the ACK packet, the payload remains in
the TX FIFO. The user can decide to clean the TX FIFO or re-send the data again. If
the payload is more than 96 bytes, only the last part of the payload that fits the TX FIFO
remains in it.
9.10
Receiver quality indicators
The following quality indicators are associated to the received signal:
●
Received signal strength indicator (RSSI)
●
Link quality indicator (LQI)
●
Preamble quality indicator (PQI)
●
Synchronization quality indicator (SQI).
9.10.1
RSSI
The received signal strength indicator (RSSI) is a measurement of the received signal power
at the antenna measured in the channel filter bandwidth.
The measured power is reported in steps of half a dB from 0 to 255 and is offset in such a
way that -120 dBm corresponds to about 20.
RSSI reading is available after the reception of a packet in the RSSI_LEVEL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com