Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 47Page - STMicroelectronics SPIRIT1 Datasheet HTML 48Page - STMicroelectronics SPIRIT1 Datasheet HTML 49Page - STMicroelectronics SPIRIT1 Datasheet HTML 50Page - STMicroelectronics SPIRIT1 Datasheet HTML 51Page - STMicroelectronics SPIRIT1 Datasheet HTML 52Page - STMicroelectronics SPIRIT1 Datasheet HTML 53Page - STMicroelectronics SPIRIT1 Datasheet HTML 54Page - STMicroelectronics SPIRIT1 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
51/94
power ramp decreasing from PA_POWER[PA_LEVEL_MAX_INDEX] to PA_POWER[0]. The
duration of each power step is 1/8 of the symbol time.
If more '1's are transmitted consecutively, the PA power remains at
PA_POWER[PA_LEVEL_MAX_INDEX] for all '1's following the first one; If more '0's are
transmitted consecutively, the PA power remains at PA_POWER[0] for all '0's following the
first one.
CW mode
For test and measurement purposes the device can be programmed to generate a
continuous wave carrier without any modulation by setting the CW field of the MOD0
register. Be sure to use infinite timeout in RX mode to avoid the SPIRIT1 going back to
READY mode.
9.5.1
Data rate
The data rate is controlled by the MOD0 and MOD1 registers according to the following
formula:
Equation 10
where:
●
DATARATE_M is an 8-bit integer ranging from 0 to 255
●
DATARATE_E is a 4-bit integer ranging from 0 to 15
●
fclk is the digital clock frequency (typically 26 MHz).
The minimum data rate at fclk = 26 MHz is about 25 Hz; the maximum data rate is about 1.6
MHz. Be advised that performance for such values is not guaranteed.
9.5.2
RX channel bandwidth
The bandwidth of the channel filter is controlled by the CHFLT_M and CHFLT_E fields of the
CHFLT register according to tables below. The actual filter bandwidth for any digital clock
frequency can be obtained by multiplying the values in the tables below by the factor
fclk/26000000.
DataRate
f
clk
256
DATA_RATE_M
+
() 2
DATARATE_E
⋅
2
28
----------------------------------------------------------------------------------------------------------
⋅
=
Table 28.
CHFLT_M and CHFLT_E value for channel filter bandwidth (in kHz, for fclk = 24 MHz)
E=0
E=1
E=2
E=3
E=4
E=5
E=6
E=7
E=8
E=9
M=0
738.6
416.2
207.4
103.7
51.8
25.8
12.9
6.5
3.2
1.7
M=1
733.9
393.1
196.1
98.0
48.9
24.5
12.3
6.1
3.0
1.6
M=2
709.3
372.2
185.6
92.8
46.3
23.2
11.6
5.8
2.9
1.5
M=3
680.1
351.5
175.4
87.7
43.8
21.9
11.0
5.4
2.8
1.4
M=4
650.9
334.2
166.8
83.4
41.6
20.9
10.4
5.2
2.6
1.3
M=5
619.3
315.4
157.5
78.7
39.3
19.7
9.8
4.9
2.5
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com