Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 78 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 74Page - STMicroelectronics SPIRIT1 Datasheet HTML 75Page - STMicroelectronics SPIRIT1 Datasheet HTML 76Page - STMicroelectronics SPIRIT1 Datasheet HTML 77Page - STMicroelectronics SPIRIT1 Datasheet HTML 78Page - STMicroelectronics SPIRIT1 Datasheet HTML 79Page - STMicroelectronics SPIRIT1 Datasheet HTML 80Page - STMicroelectronics SPIRIT1 Datasheet HTML 81Page - STMicroelectronics SPIRIT1 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
Register table
SPIRIT1
78/94
Doc ID 022758 Rev 3
Table 39.
Radio configuration registers (digital blocks)
Register name
Address
Bit
Field Name
Reset
R/W
Description
MOD1
0x1A
7:0
DATARATE_M
0x83
R/W
The mantissa value of the data
rate equation
MOD0
0x1B
7CW
0
R/W
1: enable the CW transmit
mode
6
BT_SEL
0
Select BT value for GFSK
0: BT = 1
1: BT = 0.5
5:4
MOD_TYPE[1:0]
01
Modulation type
0: 2-FSK
1: GFSK
2: ASK/OOK
3: MSK
3:0
DATARATE_E
1010
The exponent value of the data
rate equation
FDEV0
0x1C
7:4
FDEV_E[3:0]
0100
R/W
The exponent value of the
frequency deviation equation
3
CLOCK_REC_ALGO
_SEL
0
Select PLL or DLL mode for
symbol timing recovery
2:0
FDEV_M
101
The mantissa value of the
frequency deviation equation
CHFLT
0x1D
7:4
CHFLT_M[3:0]
0010
R/W
The mantissa value of the
channel filter according to
Table 30
3:0
CHFLT_E
0011
The exponent value of the
channel filter according to
Table 30
AFC2
0x1E
7
AFC freeze on sync
0
R/W
1: enable the freeze AFC
correction upon sync word
detection
6
AFC enabled
1
1: enable AFC
5
AFC mode
0
Select AFC mode:
0: AFC loop closed on slicer
1: AFC loop closed on second
conversion stage
4:0
AFC PD leakage
01000
Peak detector leakage
AFC1
0x1F
7:0
AFC_FAST_PERIOD
0x18
R/W Length of the AFC fast period
AFC0
0x20
7:4
AFC_FAST_GAIN_L
OG2[3:0]
0010
R/W
AFC loop gain in fast mode
(log2)
3:0
AFC_SLOW_GAIN_L
OG2
0101
AFC loop gain in slow mode
(log2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com