Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 79 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 75Page - STMicroelectronics SPIRIT1 Datasheet HTML 76Page - STMicroelectronics SPIRIT1 Datasheet HTML 77Page - STMicroelectronics SPIRIT1 Datasheet HTML 78Page - STMicroelectronics SPIRIT1 Datasheet HTML 79Page - STMicroelectronics SPIRIT1 Datasheet HTML 80Page - STMicroelectronics SPIRIT1 Datasheet HTML 81Page - STMicroelectronics SPIRIT1 Datasheet HTML 82Page - STMicroelectronics SPIRIT1 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
79/94
RSSI_FLT
0x21
7:4
RSSI_FLT[3:0]
1110
R/W Gain of the RSSI filter
3:2
CS_MODE
00
Carrier sense mode (see
Section 9.10.2)
1:0
OOK_PEAK_DECAY
11
Peak decay control for OOK: 3
slow decay; 0 fast decay
RSSI_TH
0x22
7:0
RSSI_THRESHOLD
0x24
R/W
Signal detect threshold in 0.5
dB steps,
-120 dBm corresponds to 0x14.
(see Section 9.10.1)
CLOCKREC
0x23
7:5
CLK_REC_P_GAIN[
2:0]
2
R/W
Clock recovery loop gain (log2)
4
PSTFLT_LEN
1
Post-filter:
0: 8 symbols,
1: 16 symbols
3:0
CLK_REC_I_GAIN
8
Integral gain for the clock
recovery loop (used in PLL
mode)
AGCCTRL2
0x24
7:4
Reserved
0010
R/W
3:0
MEAS_TIME
0010
Measure time
AGCCTRL1
0x25
7:4
THRESHOLD_HIGH[
3:0]
0110
R/W
High threshold for the AGC
3:0
THRESHOLD_LOW
0101
Low threshold for the AGC
AGCCTRL0
0x26
7
AGC ENABLE
1
R/W
1: enable AGC.
6:0
Reserved
000101
0
ANT_SELECT_CONF
0x27
7:5
Reserved
000
R/W
4
CS_BLANKING
0
1: do not fill the RX FIFO with
the data received if the signal is
below the CS threshold
3
AS_ENABLE
0
1: enable antenna switching
2:0
AS_MEAS_TIME
101
Measurement time
Table 39.
Radio configuration registers (digital blocks) (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com