Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 4Page - STMicroelectronics SPIRIT1 Datasheet HTML 5Page - STMicroelectronics SPIRIT1 Datasheet HTML 6Page - STMicroelectronics SPIRIT1 Datasheet HTML 7Page - STMicroelectronics SPIRIT1 Datasheet HTML 8Page - STMicroelectronics SPIRIT1 Datasheet HTML 9Page - STMicroelectronics SPIRIT1 Datasheet HTML 10Page - STMicroelectronics SPIRIT1 Datasheet HTML 11Page - STMicroelectronics SPIRIT1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
Introduction
SPIRIT1
8/94
Doc ID 022758 Rev 3
2
Introduction
A simplified block diagram of the SPIRIT1 is shown in Figure 1.
Figure 1.
SPIRIT1 block diagram
The receiver architecture is low-IF conversion. The received RF signal is amplified by a two-
stage low-noise amplifier (LNA) and down-converted in quadrature (I and Q) to the
intermediate frequency (IF). LNA and IF amplifiers make up the RX front-end (RXFE) and
have programmable gain. At IF, I/Q signals are digitized by ADCs. The demodulated data is
then provided to an external MCU either through the 96-byte RX FIFO, readable via SPI, or
directly using a programmable GPIO pin. A 128-bit AES co-processor is available to perform
(offline) data encryption/decryption to secure data transfer.
The transmitter part of the SPIRIT1 is based on direct synthesis of the RF frequency. The
power amplifier (PA) input is the LO generated by the RF synthesizer, while the output level
can be configured between -30 dBm and +11 dBm in 0.5 dB steps. The data to be
transmitted can be provided by an external MCU either through the 96-byte TX FIFO
writable via SPI, or directly using a programmable GPIO pin. The SPIRIT1 supports
frequency hopping, TX/RX and antenna diversity switch control, extending the link range
and improving performance.
The SPIRIT1 has a very efficient power management (PM) system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com