Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 119 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 119 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 123Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
119
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
OVERWRITE CONTROL VERB (VENDOR-SPECIFIC)
Verb ID
Payload [7:0]
Response[31:0]
Get
F93h
00h
Bits [31:0] in the table below
Set
793h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:3]
Rsvd
R
0000000h
Reserved
[2]
NA_CNTRL
RW
1
Controls the conditions under which the non audio flag is asserted:
0 = non-audio flag asserted when the non-audio code (defined in IEC-
61937) is detected. Non-audio flag rescinds after 4096 S/PDIF frames
without non-audio code being present.
1 = as above, but Channel Status Bit [1] (/AUDIO) must also be set to 1
for the non-audio flag to assert. Non-audio flag rescinds in the same way
as above, and in addition the flag will rescind immediately if /AUDIO were
to go low.
[1]
NA_OVWR_EN
RW
0
If a Non-Audio Flag is asserted then sample data is overwritten with zeros
when this bit is set:
0 = no overwrite
1 = overwrite samples with zeros
Note: When in Software Formatted S/PDIF Mode, only the 24-bit payload
can be overwritten.
Note: When SRC1 is used (i.e. Processing State is 01h), NA_OVWR_EN
is set to 1 by the WM8850
[0]
DE_OVWR_EN
RW
1
If a DATA_ERR is detected, the sample is overwritten with zeros when
this bit is set:
0 = Let erroneous sample pass
1 = overwrite erroneous sample with zeros
Note: When in Software Formatted S/PDIF Mode, all 32-bits of the
stream sample are overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com