Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
116
CONVERTER STREAM, CHANNEL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F06h
00h
Bits [31:0] in the table below
Set
706h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:4]
Stream
RW
0h
Stream ID used by this widget. Note that Stream ID = 0 is used to indicate
an unused stream, and converters will not transfer/receive link data for
streams with an ID of 0.
[3:0]
Channel
RW
0h
Lowest channel number used by this widget.
Note: As this widget does not support multi-channel capture, only a setting
of 0 is applicable.
UNSOLICITED RESPONSE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F08h
00h
Bits [31:0] in the table below
Set
708h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Enable
RW
0
0 = Unsolicited Responses disabled for this node
1 = Unsolicited Responses enabled for this node
[6]
Rsvd
R
0
Reserved
[5:0]
Tag
RW
05h
A software programmable tag value that is returned in the top six bits
(31:26) of every Unsolicited Response from this node.
The default for Tag is equal to the Node ID.
Note: The Unsolicited Response for the AFG node is defined in the “Unsolicited Responses” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com