Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
113
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
S/PDIF RX AUDIO INPUT CONVERTER WIDGET (NID = 05H)
STREAM FORMAT VERB
Verb ID
Payload [15:0]
Response[31:0]
Get
Ah
0000h
Bits [31:0] in the table below
Set
2h
Bits [15:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:16]
Rsvd
R
0000h
Reserved
[15]
Type
RW
0
Used to set the format of the stream:
0 = PCM
1 = Non-PCM (i.e. AC3 or Software Formatted S/PDIF)
[14]
Base
RW
0
Used to set the base rate frequency:
0 = 48 kHz
1 = 44.1 kHz
[13:11]
Mult
RW
0h
Used to set the base rate multiplication factor:
0h = x1 (48kHz, 44.1kHz or less)
1h = x2 (96kHz, 88.2kHz, 32kHz)
2h = Reserved
3h = x4 (192kHz, 176.4kHz)
4h-7h = Reserved
[10:8]
Div
RW
0h
Used to set the base rate division factor:
0h = divide by 1 (48kHz, 44.1kHz)
1h =Reserved
2h = divide by 3 (32kHz)
3h-7h = Reserved
[7]
Rsvd
R
0
Reserved
[6:4]
Bits
RW
4h
Bits per Sample:
0h = Reserved
1h = 16 bits
2h = 20 bits
3h = 24 bits
4h = 32 bits (Software Formatted or Float 32)
5h-7h = Reserved
[3:0]
Chan
RW
1h
Number of Channels in each frame of the stream:
0h = 1 channel
1h = 2 channels
2h-Fh = reserved
Notes:
1.
When SRC1 is disabled, registers Base, Mult, and Div are read only, and are determined by the recovered S/PDIF rate.
When SRC1 is enabled, registers Base, Mult, and Div have read-write access, and are used to program the sample rate
for the link and for the output side of SRC1.
2.
When Software Formatted S/PDIF is selected, SRC1 is automatically bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com