Electronic Components Datasheet Search
  English  ▼

X  

WM8850 Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 116Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
112
UNSOLICITED RESPONSE PRIORITY CONTROL VERB (VENDOR-SPECIFIC)
Verb ID
Payload [7:0]
Response[31:0]
Get
F8Eh
00h
Bits [31:0] in the table below
Set
78Eh
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:5]
Rsvd
R
0000000h
Reserved
[4:0]
Priority
RW
00h
Assigns a priority setting for queued Unsolicited Responses. Nodes with
the lowest value have the highest priority, and so go to the front of the
Unsolicited Response queue. Nodes with the same value for priority are
queued on first-to-trigger basis.
00h = Highest priority
…
1Fh = Lowest priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com