Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 26Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 27Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 28Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 29Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 30Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 31Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
Pinout and signal descriptions
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
28
VSS
1.2 V ground
7, 18, 36, 49, 66, 68,
111, 123, 133, 139,
154, 167, 176
7, 18, 38, 47, 57, 64,
78, 80, 137, 147,
157, 163, 185, 199,
208
AB3,AD10,AD16,A
D4,AE13,AE19,AE2
,AE7,B11,B14,B19,
B2,B25,B5,B8,C12,
C15,C17,C21,C3,C
6,C9,E2,E24,F3,H2
,H25,J3,K11,K13,K
15,K17,K24,L10,L1
2,L14,L16,L2,M11,
M12,M13,M14,M15,
M17,M3,N10,N12,N
13,N14,N15,N16,P
11,P12,P13,P14,P1
5,P17,P2,P25,R10,
R12,R13,R14,R15,
R16,R3,T11,T13,T1
5,T17,U10,U12,U14
,U16,V2,Y1
VDD12 ground and VDDPLL ground
(VSSPLL)
24
24
—
VDDE_B
3.3 V I/O supply. This supply is shared with
internal flash, 16 MHz IRC oscillator and
4–16MHz crystal oscillator.
6, 19, 37, 48, 65, 89,
112, 122, 132, 140,
166
6, 19, 37, 48, 56, 63,
77, 105, 138, 146,
156, 164, 184, 198
AD13,AD19,AD2,A
D7,AE10,AE16,AE4
,B17,B21,B24,C19,
E25,H24,L25,N24,
W3
VDDA
2
3.3 V/5 V reference voltage and analog
supply for A/D converter. This supply is
shared with the SXOSC.
79
95
AC22
VSSA
Reference ground and analog ground for A/D
converter
80
96
AD22
VDDR
Voltage regulator VREG supply
20
20
AA4
VSSR
Voltage regulator ground
21
21
—
VDDE_A
2
3.3 V/5 V I/O supply. This supply is shared
with the SXOSC.
77
93
AD23
VSSE_A
3.3 V/5 V I/O supply ground
78
94
AC23
VDDM
Stepper motor 3.3 V/5 V pad supply. SSD
shares this supply.
94, 104
110, 120, 130
U25,W24,AA25
VSSM
Stepper motor ground
95, 105
111, 121, 131
U24,W24,AA24
VDDPLL
1.2 V PLL supply
25
25
AB4
VSUP_TEST
3
9 V - 12 V flash test analog write signal
22
22
AC1
VDD_DR
1.8V, 2.5V, and 3.3V DDR SDRAM supply
—
—
C2,C5,C8,C11,C14,
E3,H3,L3,N3,T3
VDD33_DR
Functional supply for SDRAM pads (where
available must be >= VDD_DR)
—
—
D6, D12, F4, R4
Table 3. Voltage supply pin descriptions (continued)
Supply pin
Function
Pin number
176 LQFP
208 LQFP
416 TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com