Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 91Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 92Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 93Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 94Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 95Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 96Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 97Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 98Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
95
Calling f0 the bandwidth of the source signal (and as a consequence the cut-off frequency of the anti-aliasing filter, fF),
according to the Nyquist theorem the conversion rate fC must be at least 2f0; it means that the constant time of the filter is greater
than or at least equal to twice the conversion period (TC). Again the conversion period TC is longer than the sampling time TS,
which is just a portion of it, even when fixed channel continuous conversion mode is selected (fastest conversion rate at a
specific channel): in conclusion it is evident that the time constant of the filter RFCF is definitively much higher than the
sampling time TS, so the charge level on CS cannot be modified by the analog signal source during the time in which the
sampling switch is closed.
The considerations above lead to impose new constraints on the external circuit, to reduce the accuracy error due to the voltage
drop on CS; from the two charge balance equations above, it is simple to derive Equation 12 between the ideal and real sampled
voltage on CS:
Eqn. 12
From this formula, in the worst case (when VA is maximum, that is for instance 5V), assuming to accept a maximum error of
half a count, a constraint is evident on CF value:
Eqn. 13
4.16.2
ADC electrical characteristics
Table 44. ADC electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
SpecID
Min
Typ
Max
VSSA
SR
D Voltage on VSSA (ADC
reference) pin with re-
spect to ground (VSS)
3
—
–0.1
—
0.1
V
D15.1
VDDA
SR
D Voltage on VDDA pin
(ADC reference) with re-
spect to ground (VSS)
—VDDE_A –0.
1
—VDDE_A +0.1
V
D15.2
VAINx
SR
D Analog input voltage4
—VSSA –0.1
—
VDDA +0.1
V
D15.3
fADC
SR
D ADC analog frequency
—
6—
32
MHz
D15.4
tADC_PU SR D ADC power up delay
—
—
1.5
µs
D15.5
tADC_S CC
5
T Sample time6
fADC = 32 MHz,
ADC_conf_sample_input =
17
0.5
—
µs
D15.6
fADC = 6 MHz,
ADC_conf_sample_input =
127
—21
tADC_C CC
5
T Conversion time7
fADC = 32 MHz,
ADC_conf_comp = 2
0.625
—
—
µs
D15.7
V
A
V
A2
------------
C
P1
C
P2
+C
F
+
C
P1
C
P2
+C
F
C
S
++
--------------------------------------------------------
=
C
F
2048 C
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com