Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 63Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 64Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 65Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
67
JT
CC
D Junction to Package Top Natural Convec-
tion5
2°C/W
D3.7
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
2 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package.
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for
the specified package.
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used
for the case temperature. Reported value includes the thermal resistance of the interface layer.
5 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.
Table 13. Thermal characteristics for 208-pin LQFP1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
RJA
CC
D Junction to Ambient Natural Convection2
2 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets JEDEC
specification for this package.
Single layer board –1s
34
°C/W
D3.8
RJA
CC
D Junction to Ambient Natural Convection2
Four layer board –2s2p
27
°C/W
D3.9
RJMA
CC
D Junction to Ambient2
@200 ft./min., single layer
board –1s
27
°C/W
D3.10
RJMA
CC
D Junction to Ambient2
@200 ft./min., Four layer
board –2s2p
22
°C/W
D3.11
RJB
CC
D Junction to Board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for
the specified package.
—
18
°C/W
D3.12
RJCtop
CC
D Junction to Case (Top)4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used
for the case temperature. Reported value includes the thermal resistance of the interface layer.
—
5
°C/W
D3.13
JT
CC
D Junction to Package Top Natural Convec-
tion5
5 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as
Psi-JT.
—
2
°C/W
D3.14
Table 14. Thermal characteristics for 416-pin TEPBGA1
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
RJA
CC
D Junction to Ambient Natural Convection2
Single layer board –1s
26
°C/W
D3.15
RJA
CC
D Junction to Ambient Natural Convection2
Four layer board –2s2p
18
°C/W
D3.16
RJMA
CC
D Junction to Ambient2
@200 ft./min., single layer
board –1s
20
°C/W
D3.17
RJMA
CC
D Junction to Ambient2
@200 ft./min., Four layer
board –2s2p
15
°C/W
D3.18
RJB
CC
D Junction to Board3
—
10
°C/W
D3.19
RJCtop
CC
D Junction to Case (Top)4
—
6
°C/W
D3.20
Table 12. Thermal characteristics for 176-pin LQFP1 (continued)
Symbol
C
Parameter
Conditions
Value
Unit
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com