Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 15Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 16Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
19
— Data buffers with 4-byte receive, 4-byte transmit
— Configurable word length (8-bit or 9-bit words)
— Error detection and flagging
–
Parity, noise and framing errors
— Interrupt driven operation with 4 interrupts sources
— Separate transmitter and receiver CPU interrupt sources
— 16-bit programmable baud-rate modulus counter and 16-bit fractional
— 2 receiver wake-up methods
•
LIN features:
— Autonomous LIN frame handling
— Message buffer to store identifier and up to eight data bytes
— Supports message length of up to 64 bytes
— Detection and flagging of LIN errors
— Sync field; Delimiter; ID parity; Bit, Framing; Checksum and Timeout errors
— Classic or extended checksum calculation
— Configurable Break duration of up to 36-bit times
— Programmable Baud rate prescalers (13-bit mantissa, 4-bit fractional)
— Diagnostic features
–
Loop back
–Self Test
–
LIN bus stuck dominant detection
— Interrupt driven operation with 16 interrupt sources
— LIN slave mode features
–
Autonomous LIN header handling
–
Autonomous LIN response handling
–
Discarding of irrelevant LIN responses using up to 16 ID filters
1.4.25
Inter-Integrated Circuit (I2C) controller modules
The PXD20 includes four I2C modules. Each module features the following:
•
Two-wire bi-directional serial bus for on-board communications
•
Compatibility with I2C bus standard
•
Multi-master operation
•
Software-programmable for one of 256 different serial clock frequencies
•
Software-selectable acknowledge bit
•
Interrupt-driven, byte-by-byte data transfer
•
Arbitration-lost interrupt with automatic mode switching from master to slave
•
Calling address identification interrupt
•
Start and stop signal generation/detection
•
Repeated START signal generation
•
Acknowledge bit generation/detection
•
Bus-busy detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com