Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 26Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 27Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 28Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 29Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 30Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 31Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 32Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
Pinout and signal descriptions
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
29
2.4.3
Pad types
The pads available for system pins and functional port pins are described in:
•
The port pin summary in Table 1;
•
The pad type descriptions in Table 3-6;
•
Section 43.5.3.8, “Pad Configuration Registers (PCR0–PCR184) and Section 43.5.3.9, “Pad Configuration Registers
(PCR185–PCR281);
•
The device data sheet.
2.4.4
System pins
The system pins are listed in Table 4.
1 Decoupling capacitors must be connected between these pins and the nearest V
SS pin.
2 VDDA must be at the same voltage as VDDE_A.
3 This signal needs to be connected to ground during normal operation.
Table 4. System pin descriptions
System pin
Function
I/O
direction
Pad
type
RESET
configuration1
Pin number
176 LQFP
208 LQFP
416 TEPBGA
RESET
Bidirectional reset with
Schmitt-Trigger
characteristics and noise
filter.
I/O
M
Input, weak pull
up
30
30
W1
EXTAL
Analog input to the oscillator
amplifier circuit. Input for the
clock generator in bypass
mode.
I
X
—
27
27
AB1
XTAL
Analog output of the
oscillator amplifier circuit.
Needs to be grounded if
oscillator bypass mode is
used.
O
X
—
28
28
AA1
EXTAL32
Analog input of the 32KHz
oscillator amplifier circuit.
OS
—
70
86
AF24
XTAL32
Analog output of the 32 KHz
oscillator amplifier circuit.
Input for the clock generator
in bypass mode.
IS
—
69
85
AF23
NMI
Non-Maskable Interrupt
I/O
S
Input, none
45
53
AC7
VRC_CTRL Voltage Regulator external
NPN Ballast base control
pin
Analo
g
—
29
29
AA3
VREF_
RSDS2
RSDS interface reference
voltage
Analo
g
—
—
145, 165
J24,D24
VREG_
BYPASS3
Pin used for factory testing
I
—
—
26
26
AA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com