Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 16Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
20
1.4.26
System clocks and clock generation modules
The system clock on the PXD20 can be derived from an external oscillator, an on-chip FMPLL, or the internal 16 MHz
oscillator.
The source system clock frequency can be changed via an on-chip programmable clock divider (
1 to 2). An additional
programmable peripheral bus clock divider (ratios
1 to ) is also available.
The PXD20 has two on-chip FMPLLs (primary and secondary). Each features the following:
•
Input clock frequency from 4 MHz to 16 MHz
•
Lock detect circuitry continuously monitors lock status
•
Loss Of Clock (LOC) detection for reference and feedback clocks
•
On-chip loop filter (for improved electromagnetic interference performance and reduction of number of external
components required)
•
Support for frequency ramping from PLL
The primary FMPLL module is for use as a system clock source. The secondary FMPLL is available for use as an alternate,
modulated or non-modulated clock source to eMIOS modules and as alternate clock to the DCU for pixel clock generation.
The main oscillator provides the following features:
•
Input frequency range 4–16 MHz
•
Square-wave input mode
•
Oscillator input mode 3.3 V (5.0 V)
•
Automatic level control
•
Low power consumption
•
PLL reference
The PXD20 also includes the following oscillators:
•
32 KHz low power external oscillator for slow execution, low power, and RTC
•
Dedicated internal 128 kHz RC oscillator for low power mode operation and self wake-up
— ±10% accuracy across voltage and temperature (after factory trimming)
— Trimming registers to support improved accuracy with in-application calibration
•
Dedicated 16 MHz internal RC oscillator
— Used as default clock source out of reset
— Provides a clock for rapid start-up from low power modes
— Provides a back-up clock in the event of PLL or External Oscillator clock failure
— Offers an independent clock source for the SWT
— ±5% accuracy across voltage and temperature (after factory trimming)
— Trimming registers to support frequency adjustment with in-application calibration
1.4.27
Periodic interrupt timer (PIT)
The PIT features the following:
•
Eight general purpose interrupt timers
•
Two dedicated interrupt timers for triggering ADC conversions
•
32-bit counter resolution
•
Clocked by system clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com