Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 30Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 31Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 32Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 33Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 34Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 35Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 36Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 37Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 130 page
background image
Pinout and signal descriptions
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
34
2.4.7
VIU muxing
The DCU3, DCULite and VIU2 modules share the same pins for input video. It is, however, possibile to feed independent video
streams to VIU2 and DCU3 (operating in narrow mode). Figure 5 explains the pin sharing arrangement.
Figure 5. VIU2, DCU3, and DCULite pin sharing
VIU input data selection is done based on select bit (bit 0) of Miscellaneous control register (0xC3FE0340).
•
VIU pix data: VIU[9:0]
•
Select bit 1’b0: PDI[7:0],HSYNC,VSYNC
•
Select bit 1’b1: PDI[17:8]
DDR_CLKB
DRAM Clock bar
Output
DDR
NA
Output,
None
D7
DDR_CK
DRAM Clock Enable
Output
DDR
PCR[222]
Output,
Pull Down
D8
DDR_CS
DRAM Chip Select
Output
DDR
PCR[223]
Output,
None
D9
MVREF
DDR Reference Voltage
Input
—
NA
—
J4
MVTT
DRAM Termination Voltage
Input
—
NA
—
F2,J2,M2,R2
1 These port pins are disabled and unpowered on packages where the DRAM interface is not bonded out.
2 Reset configuration is given as I/O direction and pull direction (for example, “Input, pullup”).
Table 6. DRAM interface pin summary (continued)
Port pin1
Function
I/O
direction
Pad
type
PCR
RESET
config2
Pin number
416 TEPBGA
VIU2
DCU3
DCULite
PDI
PDI
VIU[9:0]
DE
PDI_PCLK
VSYNC
HSYNC
DATA[17:0]
VIU_PCLK
XBAR
Direct feed of PDI interface
to DCU3 or DCULite
RGB565
RGB888
8-bit mono
YUV422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com