Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 75Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 79Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 80Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
79
Ioh_msr
SR pad_msr_hv Ioh
—
5.4
21
mA
D9.59
Iol_msr
SR pad_msr_hv Iol
—
8.1
38.6
mA
D9.60
Ioh_ssr
SR pad_ssr_hv Ioh
—
2.8
11.2
mA
D9.61
Iol_ssr
SR pad_ssr_hv Iol
—
4.2
20.6
mA
D9.62
Ioh_multv_h
s
SR pad_multv_hv Ioh
High swing mode
—
TBD
mA
D9.63
Iol_multv
SR pad_multv_hv Iol
High/low swing mode
—
TBD
mA
D9.64
Rtgate
SR Pad_tgate_hv input
resistance
—
325
1250
D9.65
pupd_rm
SR pad_pupd_hv resistance
mismatch
——
5
%
D9.66
pupd_leak
SR pad_pupd_hv leakage
current
—
0.1
75000
pA
D9.67
pupd200k
SR pad_pupd_hv 200 k
resistance
—130
280
k
D9.68
pupd100k
SR pad_pupd_hv 100 k
resistance
—65
140
k
D9.69
pupd5k
SR pad_pupd_hv 5 k
resistance
—1.7
7.7
k
D9.70
Table 26. Supply leakage
Pad
VDD
VDDE
VDD33
Typ
Max
Typ
Max
Typ
Max
pad_msr_hv
0.818 nA
83.7 nA
0.81 nA
118 nA
—
—
pad ssr_hv
0.818 nA
83.7 nA
0.858 nA
88.7 nA
—
—
pad_i_hv
0.307 nA
48.4 nA
88.2 pA
30 nA
—
—
biasref_hv
————
——
core_v_det_hv
0
0
—
—
0
0
core_v_det_lp_hv
0
0
—
—
—
—
corner_esdpadcell_hv
————
——
corner_esdpadcell_id00_hv
————
——
corner_esdpadcell_id11_hv
————
——
corner_esdpadcell_lp_hv
————
——
esd_term_35_84_hv
————
——
pad_9v_hv
0
0
—
—
—
—
pad_ae_hv
————
——
Table 25. DC electrical specifications (continued)
Symbol
Parameter
Condition
Value
Unit
SpecID
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com