Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
70
Semiconductor Equipment and Materials International
805 East Middlefield Rd.
Mountain View, CA 94043
(415) 964-5111
MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering Documents at 800-854-7179 or
303-397-7956.
JEDEC specifications are available on the WEB at http://www.jedec.org.
4.6
EMI (electromagnetic interference) characteristics
4.7
Power management
4.7.1
Voltage regulator electrical characteristics
The internal voltage regulator requires an external NPN (BCP68 or NJD2873) ballast to be connected as shown in Figure 8 s
well as an external capacitance (CREG) to be connected to the device in order to provide a stable low voltage digital supply to
the device. Capacitances should be placed on the board as near as possible to the associated pins. Care should also be taken to
limit the serial inductance of the board to less than 15 nH.
Table 15. EMI testing specifications12
1 The reported emission level is the value of the maximum emission, rounded up to the next whole number.
2 IEC Level Maximum:, L is less than or equal to 24 dBµV, K is less than or equal to 30 dBµV.
Symbol
Parameter
Conditions
Clocks
Frequency
Range
Level
(Typ)
Unit
Radiated
Emissions
VEME
Device Configuration,
test conditions and EM
testing per standard
IEC61967-2
FOSC — 8 MHz, External
Crystal
FCPU —124 MHz
FBUS —124 MHz
No PLL Frequency
Modulation
150 kHz –
50 MHz
19
dBµV
50 MHz –
150 MHz
30
150 MHz –
500 MHz
25
500 MHz –
1000 MHz
19
IEC Level
K
FOSC — 8 MHz, External
Crystal
FCPU —124 MHz
FBUS —124 MHz
2% PLL Frequency
Modulation
150 kHz –
50 MHz
15
dBµV
50 MHz –
150 MHz
24
150 MHz –
500 MHz
17
500 MHz –
1000 MHz
14
IEC Level
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com