Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 60Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 61Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 62Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 63Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 64Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 65Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
64
NOTE
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. During overload conditions (VIN >VDD or
VIN <VSS), the voltage on pins with respect to ground (VSS) must not exceed the
recommended values.
4.4
Recommended operating conditions
Table 10. Recommended operating conditions (3.3 V)
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
Min
Max
VDDA
1
SR P Voltage on VDDA pin (ADC reference) with re-
spect to ground (VSS)
+3.0
+3.6
V
D2.1
D
Relative to VDD VDD –0.1
VDD +0.1
VSSA
SR P Voltage on VSSA (ADC reference) pin with
respect VSS
VSS –0.1
VSS +0.1
V
D2.2
VDDPLL CC P Voltage on VDDPLL (1.2 V PLL supply) pin
with respect to ground (VSSPLL)
1.08
1.32
V
D2.3
VDDR
2
SR P Voltage on VDDR pin (regulator supply) with
respect to ground (VSSR)
+3.0
+3.6
V
D2.4
D
Relative to VDD VDD –0.1
VDD +0.1
VSSR
SR D Voltage on VSSR (regulator ground) pin with
respect to VSS
VSS –0.1
VSS +0.1
V
D2.5
VDD12
3,4
CC P Voltage on VDD12 pin with respect to ground
(VSS12)
1.08
1.4
V
D2.6
VSS12
CC D Voltage on VSS12 pin with respect to VSS
VSS –0.1
VSS +0.1
V
D2.7
VDD
5,6,7
SR P Voltage on VDD pins (VDDE_A, VDDE_B,
VDD_DR, VDDM) with respect to ground (VSS)
VDDmin
5
VDDmax
5
VD2.8
VSS
8
SR D I/O supply ground
0
0
V
D2.9
VDDE_A
9
SR P Voltage on VDDE_A (I/O supply) pin with
respect to ground (VSSE_A)
+3.0
+3.6
V
D2.10
VDDE_B SR P Voltage on VDDE_B (I/O supply) pin with
respect to ground (VSSE_B)
+3.0
+3.6
V
D2.11
VDDM
SR P Voltage on VDDM (stepper motor supply) pin
with respect to ground (VSSM)
+3.0
+3.6
V
D2.12
VDD_DR
P Voltage on VDDDDR with respect to VSS
+1.62
+3.6
V
D2.13
VSS_DR
D Voltage on VSSRSDS with respect to VSS
+1.62
+3.6
V
D2.14
VRSDS
P Voltage on VDDDDR with respect to VSS
+3.0
+3.6
V
D2.15
TVDD
SR D VDD slope to ensure correct power up
10
12
V/ms
D2.16
TA
SR P Ambient temperature under bias
–40
105
°C
D2.17
TJ
SR D Junction temperature under bias
–40
140
D2.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com