Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 9Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 10Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 11Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 12Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 13Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 14Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
lower priority ISRs do not delay the execution of higher priority ISRs. To allow the appropriate priorities for each source of
interrupt request, the priority of each interrupt request is software configurable.
When multiple tasks share a resource, coherent accesses to that resource need to be supported. The INTC supports the priority
ceiling protocol for coherent accesses. By providing a modifiable priority mask, the priority can be raised temporarily so that
all tasks which share the resource can not preempt each other.
Multiple processors can assert interrupt requests to each other through software settable interrupt requests. These same software
settable interrupt requests also can be used to break the work involved in servicing an interrupt request into a high priority
portion and a low priority portion. The high priority portion is initiated by a peripheral interrupt request, but then the ISR asserts
a software settable interrupt request to finish the servicing in a lower priority ISR. Therefore these software settable interrupt
requests can be used instead of the peripheral ISR scheduling a task through the RTOS. The INTC provides the following
features:
•
Unique 9-bit vector for each of the possible 128 separate interrupt sources
•
Eight software triggerable interrupt sources
•
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
•
Ability to modify the ISR or task priority.
— Modifying the priority can be used to implement the Priority Ceiling Protocol for accessing shared resources.
•
External non maskable interrupt directly accessing the main CPU critical interrupt mechanism
•
32 external interrupts
1.4.6
QuadSPI serial flash memory controller
The QuadSPI module enables use of external serial flash memories supporting single, dual and quad modes of operation. It
features the following:
•
Maximum serial clock frequency 80 MHz
•
Memory mapped read access for AHB crossbar switch masters
•
Automatic serial flash read command generation by CPU, eDMA, DCU, or DCU-Lite read access on AHB bus
•
Supports single, dual and quad serial flash read commands
•
Simultaneous mode:
— Supports concurrent read of two external serial flashes
— The quad data streams from the two flashes can be recombined in the QuadSPI to achieve up to 80 MB/s read
bandwidth with 80 MHz serial flash
•16
64-bit buffer with speculative fetch and buffer flush mechanisms to maximize read bandwidth of serial flash
•
DMA support
•
All Serial Flash program, erase, read and configuration commands available via IP bus interface.
1.4.7
System Integration Unit Lite (SIUL)
The SIUL controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O (GPIO), internal
peripheral multiplexing, and the system reset operation.
The GPIO features the following:
•
Up to four levels of internal pin multiplexing, allowing exceptional flexibility in the allocation of device functions for
each package
•
Centralized general purpose input output (GPIO) control
•
All GPIO pins can be independently configured to support pull-up, pull down, or no pull
•
Reading and writing to GPIO supported both as individual pins and 16-bit wide ports
•
All peripheral pins can be alternatively configured as both general purpose input or output pins except ADC channels
which support alternative configuration as general purpose inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com