Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 31Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 32Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 33Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 34Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 35Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 36Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 37Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 38Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
Pinout and signal descriptions
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
35
2.4.8
SGM muxing
The SGM shares pins between the PWM output signals and the I2S bus signals as shown in the “Port pin summary” table. When
the PWM function is enabled in the SGM (SGMCTL[PWME]) the PWM (PWMO, PWMOA) signals are available. When the
PWM function is disabled the I2S bus signals (I2S_DO, I2S_SCK) are available.
2.4.9
RSDS special function muxing
Ports PA[0:15], PG[0:7], PG[11] and PM[2] have the RSDS signalling option as a special function. The SIUL allocates pad
control registers to these functions (PCR[270:282]), but because these pads share a common pin with the normal GPIO pins
they do not operate in the same way as the normal GPIO ports. PG[11] in particular has a special configuration separate from
the other pads.
The special-function pads are output-only, and the associated PCR[OBE] bit is controlled by the TCON_CTRL1 register
(TCON_BYPASS and RSDS_MODE bits). However, the alternate function selection is taken from the associated normal GPIO
pad. This allows selection of the DCU3 function as the alternate function of the pad and then the TCON module to select if the
output style is TCON/RSDS or digital RGB format.
Therefore, when the TCON bypass is active (bypass disabled with or without RSDS active), it is important not to configure the
normal GPIO ports for output operation with a non-DCU3 alternate function on ports PA[0:15] and PG[0:7].
For PG[11], the PCR[282] OBE bit is fully controlled by the TCON module and will become an output whenever the DCU3
alternate option is selected. Therefore, only select the DCU3 function on this pin when ready to configure it as a clock for a TFT
panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com