Electronic Components Datasheet Search
  English  ▼

X  

PXD20 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 95Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 96Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 97Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 98Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 99Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 100Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 101Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 102Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
99
4.17.4
Pad AC specifications (3.3 V, PAD3V5V = 1)
pad_ssr_hv
9.2 / 6.9
27 / 28
5.5 / 4.1
15 / 17
50
11
30 / 23
81 / 87
21 / 16
57 / 63
200
N/A
10
31 / 31
80 / 90
15.4 / 15.4
38 / 42
50
01
58 / 52
144 / 155
32 / 26
82 / 85
200
162 / 168
415 / 415
80 / 82
190 / 190
50
00
216 / 205
533 / 540
106 / 95
250 / 250
200
pad_i_hv
0.5 / 0.5
3 / 3
0.4 / 0.4
1.5 / 1.5
0.5
N/A
Table 48. Pad AC specifications (3.3 V, PAD3V5V = 1)1
1 Propagation delay from V
DD/2 of internal signal to Pchannel/Nchannel on condition
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
2 Slope at rising/falling edge
Frequency
(MHz)
Current slew
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1
Slow
3
—
40
4
—
40
—
—
4
0.01
—
2
25
3—
40
6
—
50
—
—
2
0.01
—
2
50
3
—
40
10
—
75
—
—
2
0.01
—
2
100
3
—
40
14
—
100
—
—
2
0.01
—
2
200
2
Medium
1
—15
2
—
12
—
—40
2.5
—
7
25
1
—
15
4
—
25
—
—
20
2.5
—
7
50
1
—
15
8
—
40
—
—
13
2.5
—
7
100
1
—
15
14
—
70
—
—
7
2.5
—
7
200
3
Fast
1
—
6
1
—
4
—
—72
3
—40
25
1—6
1.5
—
7
—
—
55
3—
40
50
1
—
6
3
—
12
—
—40
3
—40
100
1
—
6
5
—
18
—
—25
3
—40
200
4Pull Up/Down
(3.6 V max)
———
——
7500
—
—
————
50
Parameter
Classification
DC
C
C
n/a
Table 47. Functional pad AC type specifications (continued)
Name
Prop. delay (ns)
L>H / H>L
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
Min
Max
Min
Max
MSB, LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com