Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 31 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 31 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 31Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Aeroflex Circuit Technology
31
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
CIRCUIT TECHNOLOGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) THE-1553
Specifications subject to change without notice
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com
Ordering Information
Model Number
Screening
DESC SMD #
Package
CT2565
Military Temperature, -55°C to +125°C,
Screened to the individual test methods
of MIL-STD-883
-
Plug in
CT2565-FP
-
Flat Package
CT2565-001-1
Per SMD
5962-8858501XA
Plug in
CT2565-001-2
5962-8858501XC
Plug in
CT2565-201-1
5962-8858501YA
Flat Package
CT2565-201-2
5962-8858501YC
Flat Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com