Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Aeroflex Circuit Technology
7
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
RTU Response
The
addressed
RTU(s)
must
respond
(to
non-broadcast commands) within a timeout
period as shown in Figures 7, 8, and 9. Figures
10 and 11 illustrate the BC Mode Code Timing.
Status and data words received from the 1553
port are transferred to the subsystem via a
handshake and memory write operation for each
(See Message Length Checking).
BC Status/Error Handling
Message transfer errors are indicated using the
TIMEOUT, MSGERR, LOOPERR and STATERR
BC status outputs (pins 4, 30, 46 and 68
respectively).
Additional
error
detection
methods include user evaluation of status, data
and (long) loop words and/or use of the 1553B
dual redundant mode codes. Note that certain
error conditions not reflected in the current
Status Word (SW) can occur; Broadcast CMD
RT-status and post RT status response may be
accessed via the Transmit Status Word mode
command.
Transmit Bit Word. Additional status informa
tion is generated by an RTU (CT2565 for each
transfer in the form of a BIT word). This word
may
be
accessed
by
the
BC
using
the
TRANSMIT B-I-T WORD mode command. See
RTU Error Handling and Mode Code sections).
Message Length Checking. The BC stores the
command word, word-count field in an internal
register. By decrementing this register following
each data word transfer (See BC Memory
Read/Write Timing), the BC can detect an
incorrect message length.
For a description of the possible BC error,
indicators
occurring
during
each
stage
of
message transfer read from left to right in
Table 4. For a description of the possible causes
of errors within a transfer, read from right to left.
TRANSFER/CONDITION
DESCRIPTION
ERROR SIGNAL
PIN
CONTROL/COMMAND WORD 1
Handshake Failure
Memory read by BC subsystem.
No response to Bus Request within timeout
period.
BC waits for Grant
(no 1553 timing error)
-
LOOPED WORD
Short Loop Failure
Long Loop Failure
Looped back through receiver.
Received Word
≠ last xmitted word.
DMA/Write looped word to subsystem.
LOOPERR
User Defined
46
-
RT-RT
Status-RT1, data, status-RT2 response
to follow receive, transmit, commands.
(See definitions in
STATUS/DATA WORD
below)
-
STATUS WORD
No Status Received within 15.5µS
NODT timeout
TIMEOUT
EOM
4
57
RT Address Mismatch
Command RTU Address
≠ Status Word
RTU Address
STATERR
68
Error Flag(s) Set
Status Word Response from RT:
Error Condition
STATERR
68
Broadcast Received bit Set
Response to Transmit Status Word mode
command may allow this, all others ERROR.
Broadcast Mask not set
(See BC Control Word)
STATERR
68
DATA WORD
Handshake Failure
Transmit Command
Receive Command
No subsystem response to Bus Request.
Data lost: Word Count fails.
1553 transmission gap.
BC waits for Grant.
MSGERR
Status Word response:
STATERR
30
68
Data Received from RTU
Less than word count
Greater than word count
Transmit Command (RTU response)
More data received than requested.
MSGERR and EOM
MSGERR and EOM
4
30
Data after Status Set
(all extra words)
Transmit Command: data words received
after status to subsystem.
DMA/memory write
(for each)
-
FORMAT ERROR
-
MSGERR
30
Notes:
(1) LOOPERR is a .5µS pulse which occurs near DMA handshake for loop back word.
(2) TIMEOUT is a 40/160nS pulse which occurs 19.5µS ±0.5µS after the mid-bit parity of the last word onto the bus.
(3) STATERR is a 120/166nS pulse which occurs during the status word DMA handshake.
(4) MSGRR is a 40/160nS pulse which occurs approximately 100nS before INCMD goes high. It is triggered by NODT going inactive (i.e.,
low word count).
Table 4 – BC Error Handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com