Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 27 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 27 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 31Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Aeroflex Circuit Technology
27
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
59
BUSACK
Bus acknowledge output. LOW during DMA Handshake, in response to BUSGRNT.
60
DB1
Bit 1 of 16 bit parallel bus.
61
DB3
Bit 3 of 16 bit parallel bus.
62
DB5
Bit 5 of 16 bit parallel bus.
63
DB7
Bit 7 of 16 bit parallel bus.
64
DB9
Bit 9 of 16 bit parallel bus.
65
DB11
Bit 11 of 16 bit parallel bus.
66
DB13
Bit 13 of 16 bit parallel bus.
67
DB15
Bit 15 of 16 bit parallel bus.
68
STATERR
BC output indicates one or more bits set or address mismatch in a received status
word.
69
TXDATA A
Bipolar serial data output to negative input of bus transceiver.
70
RXDATA A
Bipolar serial data input from positive output of bus transceiver.
71
NODT
No data input. Logic "0" indicates the 1553 bus is idle; HIGH means device front end is
active.
72
RTAD0
LSB of 5 bit RT address.
73
RTAD2
Bit 2 of RT address.
74
RTAD4
Bit 4 of RT address.
75
BCSTRCV
Broadcast receive. Logic "0" means the current command was a broadcast command.
76
TXDATA B
Bipolar serial output to positive input of bus transceiver.
77
RXDATA B
Bipolar serial input from negative output of bus transceiver.
78
SOM
Start of message output indicates beginning of RT/BC message transfer sequence.
Table 9A – Pin Function Table (78 Pin DDIP) (continued)
Pin #
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com