Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Aeroflex Circuit Technology
16
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
Figure 16 – RT Receive Command Timing
EOM (57)
NRGRNT (42)
INCMD (9)
D0 - D15
(REQ, GRNT, ACK)
HANDSHAKE
BCSTRCV (75)
1553 BUS
NODT (71)
(CS, WR, ADRINC)
MEM-WRITE
STAT
RTA
P
CMD RTA
RCV P DATA
(16 BITS)
P
3.9µs
10.75±0.75µs
Note: All timing is typical unless otherwise noted.
SOM (78)
STATEN (3)/
BUFFENA (58)
CHA/CHB (16)
WC0-4 T/R (15)
REF
7.5±0.5µs
5.5±0.5µs
4.5±0.5µs
7.5±0.5µs
3.4±0.5µs
0.5µs
1.5µs
3.2±0.5µs
5.5±0.5µs
4µs
400ns
667ns
166ns
CMD
DATA
STAT
Use of Status Word
The
status
word
may
be
captured
by
the
subsystem as it is transmitted to the 1553 port by
pulsing BUFENA (pin 58) low during STATEN (pin
3:
520ns low pulse).
Data becomes valid
approximately 50ns after the falling edge of
BUFENA.
This
corresponds
with
all
non-broadcast
message
transfers
and
the
TRANSMIT STATUS WORD mode command.
Note that the status word may be transmitted prior
to an error condition (See Transmit CMD). These
conditions will be indicated in the "next" status
word and may be monitored if the BC requests the
SW before it is altered (See Mode Commands).
Subsystem Control
The CT2565 allows the subsystem total control
over the status word flags using the inputs
indicated in Table 7.
BIT Word
The BIT Word (Built-In-Test) becomes available in
response to a TRANSMIT BIT WORD mode
command
and
provides
additional
status
information (See Figure 19) to that provided by the
status word. The subsystem may capture the BIT
word on the parallel data bus by pulsing BUFENA
(pin 58) low during BITEN (pin 43: approximately
520ns
low
pulse).
Data
Becomes
valid
approximately 50ns after the falling edge of
BUFENA.
Like the status word, the BIT word
cannot be altered by the subsystem.
PIN
#
SYMBOL
DESCRIPTION
6
DBACCEPT
RT accepts BC operation
responsibility (See Table 2).
7
SSFLAG
Transmitted data may be
invalid sets SSFLAG bit.
8
SVCREQ
Service Request; see
Transmit Vector mode
command.
10
SSER
RTU fault exists: sets
TERMINAL FLAG bit.
47
SSBUSY
Subsystem cannot service
1553 request at this time.
48
ILLCMD
Mode command subsystem
illegalization: Sets MSGERR
bit, doesn’t suppress status
word.
Table 7 – Subsystem Control of RT-Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com