Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Aeroflex Circuit Technology
14
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
TRANSFER/CONDITION
DESCRIPTION
ERROR SIGNAL
PIN
COMMAND WORD
Invalid Word Format
Invalid Command (format error)
Sync, bit count invalid.
Operation disagreement (e.g. Broadcast and
Transmit bits set)
None; input ignored
MSGERR (also; SW bit)
-
30
Handshake Failure
BUSREQ to BUSGRNT timeout
HSFAIL, suppress
SOM, continue
5
78
Illegal Mode Command
Subsystem set ILLCMD (pin 48).
SW message error bit set
RT-RT Transfer
Response Timeout
Address mismatch
(Transmit) Command to Status Word time.
Transmit Command Address
≠ Status Word
address.
TIMEOUT (transmitting RT)
(also; MSGERR bit)
MSGERR (Receiving RT)
(also; MSGERR bit)
4
30
DATA WORD
Handshake Failure
Transmit Command
Receive Command
Number Transmitted (2)
BUSREQ to BUSGRNT timeout
(Continue)
(Message terminated)
Low data word-count received.
High data word count
HSFAIL (1)
Continue message transfer
INCMD high, EOM
MSGERR (3) (SW bit)
MSGERR after validation
(no transfer) SW and BIT-
Word also set.
5
9,57
30
30
LOOP WORD
Short Loop
Long Loop
Looped back through receiver.
Received word
≠ to last xmitted 1553 word.
(BC only)
LOOPER (also sets Ter-
Flag bit).
46
Notes:
(1) The HSFAIL low output is reset (high) at the start of the next message transfer (NBGRNT low).
(2) The subsystem can use the status input pins (SW) to report incorrect word count type errors.
(3) MSGERR set 7.5µS after last mid parity bit of last data word.
Table 6 – RTU Error Handling
RTU Commands
A command word transfer will be initiated by the
CT2565 after the rising edge of NBGRNT (See
Figure 14). In order to allow the command word to be
stored in user-defined memory space (separate from
data), no memory write operation (CS, WR, ADRINC
outputs) will be initiated following the usual DMA-type
handshake; a Start Of Message (pin 78: SOM low)
pulse indicates that the CMD word is currently valid on
the data bus. Note that commands are named from
the BC point-of-view (i.e., a TRANSMIT CMD dictates
that the addressed RTU must transmit data).
Transmit CMD (RT-BC)
If the subsystem is available (pin 47: SSBUSY high):
following transmission of the status word, the CT2565
will initiate a handshake/memory-read respectively for
the total number of (data) words defined by the
Command Word-word count field.
Figure 15 shows
the RTU Read/Write Timing. Note that possible data
word transfer and short-loop test errors will be
reflected in the following status word/bit word. A low
on the SSBUSY input will set the corresponding status
word flag, and no data transfer will be requested
(BUSREQ low) following transmission of the status
word.
Receive CMD (BC-RT). A DMA handshake will be
initiated for each word received over the 1553 data bus
(See Figure 16).
If successful, the respective
handshake will be followed by a corresponding
memory write.
Transfer errors such as handshake
timeout or SS BUSY will not terminate transfer
attempts for the remaining data words, error flagging
or status word transmission.
RTU(b)-RTU(a)
(Transmit/Receive).
An
RT-RT
transfer will appear to both RTU subsystems as a
standard transmit or receive command except:
(1)
transmission of the data block will not be continuous
with that of the receive CMD, and, (2) upon detection
of a command-sync field following the receive CMD,
RTU(a) will recognize an RT-RT transfer and store the
transmit CMD-address field for comparison with the
address field of the following (RTU(b) status) word
(See Figures 17 and 18). If a mismatch is detected,
RTU(a) will issue a message error. The transmitting
RTU will respond as in an RT-BC Transmit CMD.
RTU Status/Error Handling
Message transfer errors are indicated using the
TIMEOUT,
HSFAIL,
MSGERR
and
LOOPERR
RTU-status outputs (pins 4, 5, 30 and 46 respectively).
Additional
error
detection
mechanisms
available
include
status
input
manipulation
(below)
and
evaluation of the status and BIT words (See BIT
Word).
Table 6 describes error handling mechanisms related
to each stage in a message transfer (reading left to
right) as well as noting errors associated with a
specific CT2565 status output (reading right to left).
Short Loop Test. The last word to be transmitted in a
given message transfer (Status word, BIT word or
Data word) is stored in a CT2565 internal register. As
this word is transmitted to the 1553 bus, it is "looped
back"
through
the
active
receiver
channel
for
auto-RTU, "SHORTLOOP" verification. A LOOPERR
low pulse indicates a mismatch between the stored
and looped words.
Note that short loop testing is
initiated for all RTU transfers except a Broadcast
transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com