Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 19 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 19 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 23Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Aeroflex Circuit Technology
19
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
NAME
Definition
GAP TIME
NODT low time. 2MHz Clock
allows 500ns increments to
128µs (remains static at FF on
overflow).
WORD TRANSFER
Logic "1" indicates successful
transfer to subsystem.
WORD TRANSFERRED
Indicates successful transfer
(See bit 7)
VALID WORD
Reset (1) indicates Manchester
error, Parity error, Low Bit Count
and/or Status sync field.
COMMAND SYNC
Logic "1" indicates Command or
Status sync field. Logic "0"
indicates data sync.
CHAN A/B
Logic "1" if word received on
1553 bus Channel B.
WORD GAP
Set (0) if current word was
received at least 2µs after
receipt of previous word (parity
to mid-sync).
Note: Subsystem should clear entire memory prior to start of MT
operation.
Figure 20 – Identification Word
MT Operation
In
the
MT
mode,
the
CT2565
captures
all
valid
transmissions on both channels of the 1553 bus, allowing
the user to monitor bus activity. Each word is transferred to
the subsystem along with an identification for interpretation
of the 1553 data stream.
MT Initialization
Initialize the CT2565 for MT operation per Table 2.
The
CT2565 will remain in an idle state until BCSTART (pin 41)
is pulsed low. Figure 21 illustrates MT operation.
Valid words received by the CT2565 are transferred to the
subsystem along with an identification Word by a single
DMA handshake with two memory-write operations shown
in Figure 22, MT Transfer Timing. Since the decoder will
reject words based on sync field errors and/or errors in the
first 2 non-sync bits, these words will not be processed
further (i.e., the subsystem will receive no indication of the
receipt of this word).
YES
NO
YES
ERROR
?
INCREMENT MEM ADDR
INCREMENT MEM ADDR
IDENTIFICATION WORD
MEMORY WRITE
DMA
NODT LOW
SYNC + 2 BITS
DECODER CHECK
ACTIVITY
1553 BUS
START MT OPERATION
(START-UP ONLY)
INITIALIZATION
START
1553 INPUT
MEMORY WRITE
15
8 7
0
GAP TIME
WORD TRANSFER
LOGIC "1"
LOGIC "1"
VALID WORD
COMMAND SYNC
CH A/B
WORD GAP
SET TO "0"
Figure 21 – MT Operation Flow Chart
Notes:
(1) Steps marked with " __ _" indicates operation is
transparent to user.
(2) Steps marked with " ___" indicates user interaction
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com