Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Aeroflex Circuit Technology
8
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
HSFAIL (5)
BUSACK (59)
BUSGRNT (45)
BUSREQ (19)
t4
t3
t2
t1
Figure 5 – BC Handshake Timing
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
t1
BUSREQ pulse width
867
1667
ns
t2
BUSREQ to BUSGRNT delay
0
800
ns
t3
BUSGRNT pulse width
166
-
ns
t4
BUSGRNT to BUSACK delay
50
200
ns
TRI-STATE
MEMORY READ
ADRINC (49)
MEMORY WRITE
DATA VALID
DATA VALID
D0 - D15
t4
t3
t2
t5
t6
t10
t9
t8
t9
t7
t1
t5
t6
CS (17)
BUSACK (59)
WR (44)
OE (18)
CYCLE
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
Read
t1
BUSACK to OE delay
-
25
ns
t2
OE to CS delay
-
25
ns
t3
Data setup time
-
250
ns
t4
CS (OE) pulse width
650
680
ns
t5
CS to ADRINC delay
-
25
ns
t6
ADRINC pulse width
80
166
ns
Write
t7
BUSACK to WR delay
-
378
ns
t8
WR to CS delay
-
25
ns
t9
CS and WR pulse width
150
175
ns
t10
Data valid setup
100
-
ns
Figure 6 – BC Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com