Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 22Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Aeroflex Circuit Technology
18
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
Figure 18 – RT- RT Transfer Timing
EOM (57)
NRGRNT (42)
INCMD (9)
D0 - D15
(REQ, GRNT, ACK)
HANDSHAKE
ILLEGALIZE
NODT (71)
(CS, WE, ADRINC)
MEM-READ
RTA RCV P
RTB TX P
STAT RTB P DATA
P
10.75±0.75µs
SOM (78)
STATEN (3)/
BITEN (43)
4.5±0.5µs
7.5±0.5µs
3.4±0.5µs
ILLCMD
1.5µs
5.5±0.5µs
400ns
330ns
CMD
STAT
DATA
7.5±0.5µs
500ns
CMD
CMD
STAT RTA P
(16) BITS
LMC
TIMEOUT (4)
5.5±0.5µs
450ns
19.5µs
2.3µs
400ns
(NO TIMEOUT)
(TIMEOUT ERROR)
RCV
1553 BUS
10.75±0.5µs
7.5±0.5µs
REF
Note: All timing is typical unless otherwise noted.
15
8 7
0
SET TO "0"
SET TO "0"
CHAN B XMITTER TIMEOUT
CHAN A XMITTER TIMEOUT
CHAN B LOOP TEST FAILURE
CHAN A LOOP TEST FAILURE
CHAN B XMITTER SHUTDOWN
CHAN A XMITTER SHUTDOWN
NON-MODE BROADCAST CMD TO XMIT
MESSAGE HIGH WORD COUNT
MESSAGE LOW WORD COUNT
ILLEGAL MODE CODE OR ILLEGAL
BROADCAST WITH MODE CODE
MODE CODE OR T/R ERROR
CHAN A/B LOOP TEST FAILURE
HANDSHAKE FAILURE
CHAN A/B XMITTER TIMEOUT
Notes:
(1) Bits 0-2 and 10-13 are latched and only cleared by a mode reset command or a master RESET.
(2) Bits 3-7 are cleared at the start of each new message and updated at the end of the message. They reflect the present
command word.
(3) Bits 8-9 are set by the mode command for Transmitter Shutdown and are cleared by the mode command for Override
Transmitter Shutdown, Reset RT or a master RESET.
Figure 19 – Bit Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com