Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 23 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 23 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 27Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Aeroflex Circuit Technology
23
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
TRANSMIT VECTOR WORD (10000)
MESSAGE SEQUENCE - TRANSMIT VECTOR WORD * STATUS VECTOR WORD
The CT2565 transmits a status word followed by a vector word. The contents of the vector word (from the subsystem) are enabled onto
DBO-DB15 with BUSREQ after the command transfer (same as data word in a normal transmit command).
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Followed by Data Word. No status response. Bits set: message error (SW) High Word Count (BIT Word).
3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error, Low Word Count (BIT Word).
4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, T/R
Error, Low Word Count (BIT Word).
5. Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode code, (BIT Word).
SYNCHRONIZE WITH DATA WORD (10001)
MESSAGE SEQUENCE - SYNCHRONIZE DATA WORD * STATUS
The data word received following the command word is transferred to the subsystem. The status register is then enabled and its contents
transferred onto the data bus and transmitted. If the command was broadcast, the broadcast received bit is set and status transmission is
suppressed.
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Not Followed by Data Word. No status response. Bits set: message error (SW), Low Word Count (BIT Word).
3. Command followed by too many Data Words. No status response. Bits set: message error (SW), High Word Count (BIT word).
4. Command T/R bit Set to One. No status response. Bits set: message error (SW), T/R Error, High Word Count (BIT Word).
5. Command, T/R bit Set to One and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), High
Word Count, T/R Error (BIT Word).
TRANSMIT LAST COMMAND (10010)
MESSAGE SEQUENCE = TRANSMIT LAST COMMAND * STATUS LAST COMMAND
The status and BIT word registers are not altered by this command. The SW contains the status from the previous command. The data
word transmitted contains the previous valid command (providing it was not another TRANSMIT LAST COMMAND).
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Followed by Data Word. No status response. Bits set: message error (SW).
3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error, Low Word Count (BIT Word).
4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, (SW), Illegal Mode Code T/R Error (BIT Word).
5. Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code (BIT Word).
TRANSMIT BIT WORD (10011)
MESSAGE SEQUENCE - TRANSMIT BIT WORD * STATUS BIT WORD
The CT2565 transmits a status word followed by the BIT word . When activated, BITEN allows the subsystem to latch the BIT word on the
parallel data bus. The BIT word is not altered by this command; however, the next SW will reflect errors in this transmission.
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Followed by Data Word. No status response. Bits set: message error (SW).
3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error, Low Word Count (BIT Word).
4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, T/R
Error, Low Word Count (BIT Word).
5. Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode code, (BIT Word).
Table 8 – Mode Codes (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com