Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 24Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Aeroflex Circuit Technology
20
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
Simultaneous Transmission
Transmissions
appearing
simultaneously
on
alternate 1553-bus channels will be captured by
CT2565
sequentially
providing
that
each
BUSREQ is answered by the subsystem with a
BUSGRNT within the handshake timeout period.
RESET Signal
Pulsing RESET low will suspend MT operation by
(1) INCMD goes high (EOM goes low on the rising
edge) and (2) the CT2565 enters an idle state.
MT
operation
may
be
restored
by
pulsing
BCSTART low (above) or another mode of
operation may be selected (See Table 2).
Handshake Failure
Note that a handshake failure will abort the
current transfer.
Monitoring will resume upon
receipt of a valid word on the 1553 bus.
MODE CODES
Nine of the 13 available, dual redundant mode
codes are handled by the CT2565 without user
intervention.
Of the four remaining codes,
Dynamic Bus Control and Synchronize (no data)
require subsystem notification.
The remaining
two mode codes, Transmit Vector Word and
Synchronize (with data) involve data transfer with
the subsystem. Mode command illegalization and
handling are detailed in the RTU Operation
section and listed in Table 8.
D0 - D15
CS (17)
DATA VALID
WR (44)
BUSACK (59)
BUSGRNT (45)
BUSREQ (19)
ADRINC (49)
t7
t5
t4
t3
t2
t1
t6
t6
t8
t6
t8
t9
t10
ID-WORD VALID
Figure 22 – MT Transfer Timing
CYCLE
SYM
DESCRIPTION
MIN
TYP
MAX
UNITS
Handshake
t1
BUSREQ to BUSGRNT delay
0
-
800
ns
t2
BUSGRNT pulse width
166
-
-
ns
t3
BUSGRNT to BUSACK delay
?
-
?
ns
Write Only
t4
BUSACK to WR delay
320
330
370
ns
t5
WR to CS time
-
-
25
ns
t6
WR and CS pulse width
150
166
175
ns
t7
DATA VALID setup
-
-
50
ns
t8
CS to ADRINC delay
-
-
25
ns
t9
ARINC pulse width
80
-
166
ns
t10
ID WORD VALID setup
-
-
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com