Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT2565 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCDCT2565 REV B 8/10/99
Bus Controller, Remote Terminal and BUS Monitor
Features
I Second Source Compatible to the BUS-65600
I RTU implements all dual redundant mode codes
I Selective mode code illegalization available
I 16 bit microprocessor compatibility
I BC checks status word for correct address and set flags
I RTU illegal mode codes externally selectable
I 16 bit µProcessor compatibility
I DMA handshaking for subsystem message transfers
I MIL-PRF-38534 compliant circuits available
I DESC SMD #5962–88585 Pending
I Packaging – Hermetic Metal
• 78 Pin, 2.1" x 1.87" x .25" Plug-In type package
• 82 Lead, 2.2" x 1.61" x .18" Flat package
General Description
The CT2565 is a dual redundant MIL-STD-1553 Bus Controller (BC), Remote Terminal (RT), and
Bus Monitor, (BM) Bus packaged in a 1.9" x 2.1" hermetic hybrid. It provides all the functions
required to interface a MIL-STD-1553 dual redundant serial data bus transceiver, (Aeroflex's
ACT4487 for example) and a subsystem parallel three-state data bus. Utilizing a custom monolithic
IC, the CT2565 provides selectable operation as a Bus Controller, Remote Terminal or a Bus
Monitor (BM).
The CT2565 is compatible with most µprocessors. It provides a 16 bit three-state parallel data bus
and uses direct memory access (DMA type) handshaking for subsystem transfers. All message
transfer timing as well as DMA and control lines are provided internally. Subsystem overhead
associated with message transfers is therefore minimized. Interface control lines are common for
both BC and RT operation.
The CT2565 features the capability for implementing all dual redundant MIL-STD-1553 mode
codes. In addition, any mode code may (optional) be illegalized through the use of an external
(200ns access time) PROM. Complete error detection capability is provided, for both BC and RTU
operation. Error detection includes: response time-out, inter message gaps, sync, parity,
Manchester, word count and bit count. The CT2565 complies with all the requirements of
MIL-STD-1553.
The hybrid is screened in accordance with the requirements of MIL-STD-883 and operates over the
full military temperature range of -55°C to +125°C.
CT2565
FOR MIL-STD-1553B
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
CIRCUIT TECHNOLOGY
www.aeroflex.com


Similar Part No. - CT2565

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561-FP AEROFLEX-CT2561-FP Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2566 AEROFLEX-CT2566 Datasheet
326Kb / 37P
CT2566 MIL-STD-1553 to Microprocessor Interface Unit
CT2566-FP AEROFLEX-CT2566-FP Datasheet
326Kb / 37P
CT2566 MIL-STD-1553 to Microprocessor Interface Unit
More results

Similar Description - CT2565

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
BCRT Bus Controller/Remote Terminal/Monitor
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
Data Bus (MIL-STD-1553B) Components
Revised 12-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com