Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Aeroflex Circuit Technology
15
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
HSFAIL (5)
BUSACK (59)
BUSGRNT (45)
BUSREQ (19)
t3
t2
t1
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
t1
BUSREQ pulse width
667
-
ns
t2
BUSGRNT delay
CMD WORD
TX DATA WORD
RX DATA
0
0
0
1.5
15.5
2.33
µs
µs
µs
t3
BUSGRNT to BUSACK delay
40
166
ns
Note: HSFAIL will go low following a BUSREQ to BUSGRNT timeout.
Figure 14 – RTU Handshake Timing
Figure 15 – RTU Read/Write Timing
ADRINC (49)
OE (18)
CS (17)
D0 - D15
BUSACK (59)
WR (44)
VALID
VALID
t7
t4
t8
t9
t10
t5
t5
t6
t3
t2
t1
t4
MEMORY WRITE
MEMORY READ
CYCLE
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
Read
t1
BUSACK to OE delay
-
-
25
ns
t2
OE to CS delay
-
-
25
ns
t3
Data setup time
-
-
250
ns
t4
CS, OE and BUSACK pulse width
-
500
-
ns
t5
CS to ADRINC delay
-
-
25
ns
t6
ADRINC pulse width
80
-
166
ns
Write
t7
BUSACK to CS delay
-
-
225
ns
t8
WR to CS delay
-
-
25
ns
t9
CS and WR pulse width
150
166
180
ns
t10
Data valid setup prior to leading edge of WR
60
-
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com