Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  CT2565 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Aeroflex Circuit Technology
5
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
Loop Test
Upon receipt from the subsystem, the last word
to be transmitted within a given message
transfer (command or Data word) is stored in a
CT2565 internal register.
As this word is
transmitted to the 1553 bus, it is looped back
through the active receiver channel for auto-BC,
Short Loop verification. A LOOPERR (.5us typ)
low pulse indicates a mismatch between the
stored and looped word.
The CT2565 also
initiates a handshake with a memory write to the
subsystem
for
user-defined,
"long
loop"
(subsystem, CT2565, subsystem) verification.
Note that both short and long loop testing are
initiated for all transfers (on the last word
transmitted to 1553). Subsystems response to
use Long Loop Test is to compare the loaded
word to what was looped back into memory.
RECEIVE
TRANSMIT
Control Word
Control Word
Receive Command
Transmit Command
Data 1
Looped Command Word
•
RTU Status
•
Data 1
Last Data
•
Looped Data Word
•
RTU Status
Last Data
Table 3 – BC Memory Allocation
15
8
0
NOT USED
BUS CHANNEL A/
B
NOT USED
MASK BROADCAST BIT
NOT USED
MODE CODE
BROADCAST
RT-RT
BIT
DEFINITION
BUS CHANNEL A/B
When logic "1" transmits over 1553 Bus A.
When logic "0" transmits over 1553 Bus B
(See note)
MASK BROADCAST BIT
Always set to "0"
MODE CODE
Command Word count field signifies mode code type
BROADCAST
Multiple RTU’s addressed, no status word expected
RT-RT
When set, RTU(b) transmits, RTU(a) receives. Both RTU Status Words
are validated and sent to subsystem.
Note: Messages-transmission (routing) status pin (pin 16, Chan A/B) becomes active after loading the control word and command word
respectively. The signal is cleared by RESET or EOM low.
Figure 4 – BC Control Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com