Electronic Components Datasheet Search
  English  ▼

X  

CT2565 Datasheet(PDF) 26 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 26 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 30Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Aeroflex Circuit Technology
26
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
30
MSGERR
Output signal which indicates an error occurred during the current message
sequence.
31
TXDATA A
Bipolar serial data output to positive input of bus transceiver.
32
RXDATA A
Bipolar serial input from negative output of bus transceiver.
33
RTADP
Parity bit input for RT address.
34
RTAD1
Bit 1 of RT address input.
35
RTAD3
Bit 3 of RT address input.
36
RESET
System reset input - resets all inputs in module.
37
TXDATA B
Bipolar serial data output to negative input bus transceiver.
38
RXDATA B
Bipolar serial data input from positive output of bus transceiver.
39
12MHz
12MHz TTL clock input.
40
GROUND
Signal ground.
41
BCSTART
Cycle enable input Logic "0" initiates bus controller message transfer operation.
42
NBGRNT
New bus grant output from RT indicates beginning of message transfer sequence.
43
BITEN
Built in Test enable output indicates RT is transferring BlT word on internal 16 bit bus.
44
WR
Write enable output for control of subsystem memory.
45
BUSGRNT
Bus request input in response to DTREQ. Allows BC/RT to transfer data to
subsystem.
46
LOOPERR
Loop error output. Logic "0" indicates failure of loop back transmitted data.
47
SSBUSY
Subsystem busy input for RT status word.
48
ILLCMD
Illegal command input to RT, used to block RT response to an illegal command.
49
ADRINC
Increment output pulse. Goes LOW at the completion of each word transfer to/from
subsystem. Can increment external address counter.
50
CHASSIS
Frame ground electricity isolated from signal ground
51
WC0
LSB of current command word count field.
52
WC2
Bit 2 of word count field.
53
WC4
Bit 4 of word count field.
54
TXINH A
Transmitter inhibit output signal for Channel A.
55
LMC
Latched Mode Command. Logic "1" indicates current word command is a mode code
word, WC0-WC4.
56
TESTIN
Factory test point. Do not connect.
57
EOM
End of message output. Logic "0" occurs when BC/RT message is completed.
58
BUFENA
Buffer enable input, may be driven LOW by STATEN or BITEN if subsystem must read
bit or Status words. Enables internal 16 bit bus onto subsystem bus.
Table 9A – Pin Function Table (78 Pin DDIP) (continued)
Pin #
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com