Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 47 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 47 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 43Page - Switchcraft, Inc. K460 Datasheet HTML 44Page - Switchcraft, Inc. K460 Datasheet HTML 45Page - Switchcraft, Inc. K460 Datasheet HTML 46Page - Switchcraft, Inc. K460 Datasheet HTML 47Page - Switchcraft, Inc. K460 Datasheet HTML 48Page - Switchcraft, Inc. K460 Datasheet HTML 49Page - Switchcraft, Inc. K460 Datasheet HTML 50Page - Switchcraft, Inc. K460 Datasheet HTML 51Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 101 page
background image
CONNECTORS
46
CONNECTORS
Ordering Information
Pins/
Part Number
Style
Finish Contacts
Notes
A*F, A*M
Cord
Nickel
Silver
Standard Cable Clamp
A*FB, A*MB
Cord
Black
Silver
Standard Cable Clamp
A*FBAU, A*MBAU
Cord
Black
Gold
Standard Cable Clamp
A*FL, A*ML
Cord
Nickel
Silver
Standard cable clamp,
large flex relief
AA*F, AA*M
Cord
Nickel
Silver
One piece cable clamp
AA*FB, AA*MB
Cord
Black
Silver
One piece cable clamp
AA*FBAU, AA*MBAU
Cord
Black
Gold
One piece cable clamp
AA*FL, AA*ML
Cord
Nickel
Silver
One piece cable clamp,
large flex relief
AAA*FZ, AAA*MZ
Cord
Nickel
Silver
Twist-on metal handle
AAA*FBZ, AAA*MBZ
Cord
Black
Silver
Twist-on metal handle
AAA*FBAUZ,
AAA*MBAUZ
Cord
Black
Gold
Twist-on metal handle
AAA*FPZ, AAA*MPZ
Cord
Nickel
Silver
Twist-on plastic handle
AAA*FPBZ, AAA*MPBZ
Cord
Black
Silver
Twist-on plastic handle
AAA*FPBAUZ,
AAA*MPBAUZ
Cord
Black
Gold
Twist-on plastic handle
* Available 3 - 7 pins or contacts
Q-G® Audio Connector Series
A, AA, AAA Cord Style Series
Switchcraft offers a wide range of
cord style XLR connectors.
The A Series features a dual
pressure plate strain relief mechanism
to securely fasten the connector to
the cable. The A Series is also available
with FAS-DISCONNECT detent.
The AA Series features a 1-piece
strain relief mechanism that clamps
onto the outer jacket of the cable.
The AAA Series features a twist-on
handle with a built-in strain relief
mechanism and a pre-loaded insert.
The new R Series offers the same
strain relief system as the AAA Series.
Specifications
Electrical
Contact Resistance: 50 milliohm
maximum, per pole
Current Rating @ 125VAC:
3 pole - 15A, 4 pole -10A,
5 & 6 pole - 7.5A, 7 pole - 5A
Insulation Resistance: 1,000 MW,
minimum
Dielectric Withstanding Voltage:
1,000 V (rms)
Capacitance: 3pF between pins
and 6 pF between pins and
shell, maximum
Mechanical
Insertion/Withdrawal Forces:
10 lbs. maximum, 8 lbs. nominal/
7 lbs. maximum, 5 lbs. nominal
Materials
Shell: Die-Cast zinc with nickel
finish or black chrome
Handle: Die cast with nickel finish
or black chrome. Also black
thermoplastic handle available
O Ring: TPR (Thermoplastic rubber).
Insert Insulation: Molded
thermoplastic
Socket Contacts: Silver plated
copper alloy tarnish resistant;
bifurcated on 3 and 4 contact
types. Gold is available.
Pin Contacts: Silver plated
copper alloy.
Resists tarnishing, and provides
excellent electrical conductivity.
Gold is available.
Latch lock: High strength die cast zinc
Multi-finger cable clamp and rubber
gasket: TPR (Thermoplastic
plastic & rubber)
Flex Relief: TPR (Thermoplastic rubber)
See Page 56 for
Mechanical Drawings
A*M
AAA*MPZ
AA*FB
AAA*FPBAUZ
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com