Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 11 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 11 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 7Page - Switchcraft, Inc. K460 Datasheet HTML 8Page - Switchcraft, Inc. K460 Datasheet HTML 9Page - Switchcraft, Inc. K460 Datasheet HTML 10Page - Switchcraft, Inc. K460 Datasheet HTML 11Page - Switchcraft, Inc. K460 Datasheet HTML 12Page - Switchcraft, Inc. K460 Datasheet HTML 13Page - Switchcraft, Inc. K460 Datasheet HTML 14Page - Switchcraft, Inc. K460 Datasheet HTML 15Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
TTEZN****0
PATCHBAYS
10 EZ Norm Patchbay Series
Center Strip Removes For
Normalling Access
Easily Normal The Jacks By Rotating To “Full”,
“Non,” Or “Half” Positions
Specifications
Materials
Jacks
Housing & Cover: 94V-0 rated thermoplastic
Sleeve Collar: Nickel plated copper alloy
Tip, Ring, Shunt, & Sleeve Springs: Nickel Silver
with welded contacts
Welded Contacts: Gold
Cam Switching Springs: Silver plated copper alloy
Cam Switching Contacts: Silver plated copper alloy
Mechanical
Jack Mechanical Life: 30,000 cycles
Cam Contact Mechanical Life: 30,000 cycles
Insertion - Withdrawal Forces: 1 - 4 lbs.
Moisture resistance: MIL-STD 202 Method 106
Thermal shock: MIL-STD 202 Method 107
Salt spray: MIL-STD Method 101 (48 hrs.)
Vibration: MIL-STD 202 Method 213
Electrical
Jack Spring Contact Resistance: 30 milliohm
Maximum
Cam Switch Contact Resistance: 30 milliohm
Maximum
Insulation Resistance: 10,000 Megaohms
Dielectric Withstanding Voltage:
500 VAC (rms) at 60 Hz
Insertion Loss: -0.5dB up to 10 MHz
EZ Norm Patchbay Options
• 1RU can be terminated to EDAC or Cannon DL,
solder terminals, or wire-wrap terminals
• 1.5RU can be terminated to EDAC/Cannon DL,
solder terminals, wire-wrap terminals, plus 3 pin
connectors, or our own PPT Professional
Punchdown Terminal
• 2RU Same as above
• All units will be offered with or w/o docking connector
• Unwired units will be offered with either cable tie
bar or cable tray
The EZ Norm offers a simplified method for setting up and changing
normals to a Bantam/TT patchbay. Simply remove the middle
designation strip, and rotate the center cam, using a standard
screwdriver. An audible “click” can be heard as you rotate from
full normals to no normals to half normals. An opaque marking
strip is included to conceal the normal position, if needed.
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com