Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 19 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 19 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 15Page - Switchcraft, Inc. K460 Datasheet HTML 16Page - Switchcraft, Inc. K460 Datasheet HTML 17Page - Switchcraft, Inc. K460 Datasheet HTML 18Page - Switchcraft, Inc. K460 Datasheet HTML 19Page - Switchcraft, Inc. K460 Datasheet HTML 20Page - Switchcraft, Inc. K460 Datasheet HTML 21Page - Switchcraft, Inc. K460 Datasheet HTML 22Page - Switchcraft, Inc. K460 Datasheet HTML 23Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 101 page
background image
PATCHBAYS
18
Features and Benefits
• Allows for custom patchbay
configurations or central
patching points
• PPTs have IDCs on both sides
for easy installation
• Rugged, attractive black
epoxy-finished steel chassis
• Cable trays allow for mounting
and securing terminated cable
Specifications
Panel thickness: .093"
Mounting hole diameter: .187"
Mounting hole spacing (48
IDCs/row): .340" (Horizontal)
x .275" (Vertical)
Mounting hole spacing (52
IDCs/row): .320" (Horizontal)
x .275" (Vertical)
Wire size: #22, 24, 26 AWG
Stranded or Solid
(IDC termination)
Materials
Housing: Thermoplastic (UL 94V-0)
Contacts: High strength copper
alloy
Backpanels: Black Epoxy coated
C.R.S.
Cable Tray: Black Epoxy coated
C.R.S.
MTPBP/TTPBP Backpanel Series
Ordering Information
Sets of
Part Number
PPT Terminals
Height
Description
MTP48K3BPNS
48
3.5"
T, R, S
MTP48K3PBNO
48
3.5"
T, R, S, TN, RN
MTP52K3BPNO
52
3.5"
T, R, S, TN, RN
MTP24K7
24 x 2
7.0"
+, -, S
TTP96K3BPNS
96
3.5"
T, R, S
TTP96K5BPNS
96 x 2
5.25"
T, R, S, TN, RN
The Backpanel Series offers the end user the flexibility of configuring their own
patchbay, or to use as a central patchpoint location. The backpanels utilize the
PPT punchdown and come with a rugged cable tray.
MTP48K3BPNS
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com