Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 95 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 95 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 91Page - Switchcraft, Inc. K460 Datasheet HTML 92Page - Switchcraft, Inc. K460 Datasheet HTML 93Page - Switchcraft, Inc. K460 Datasheet HTML 94Page - Switchcraft, Inc. K460 Datasheet HTML 95Page - Switchcraft, Inc. K460 Datasheet HTML 96Page - Switchcraft, Inc. K460 Datasheet HTML 97Page - Switchcraft, Inc. K460 Datasheet HTML 98Page - Switchcraft, Inc. K460 Datasheet HTML 99Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 101 page
background image
94 Switch Series
Guitar and Knobs, and Broadcast Switch Series
SWITCHES
The 12000 Series switches are
premium grade switches used
primarily in guitars as pick-up
switches. The largest names in the
industry rely on our switches for
quality and durability. Our 84000
Series and PL Series switches are
used in broadcast studios, theater
lighting, anywhere large illuminated
switches are needed.
Specifications - 12000 Series
Electrical
Contact Ratings: Fine silver contacts
rated at 3A, 300W maximum
AC non-inductive load standard.
Other contacts available
Leakage Resistance: 1,000 MW
or greater
Dielectric Strength: 250 VDC
Materials
Frame: Copper alloy, plated
(3,000, 13,000); Steel, plated
(12,000)
Bushing and Shaft: Copper alloy,
plated
Springs: Copper alloy
Knob: Black molded thermoplastic
Mounting Hardware: Knurled copper
alloy locknut T10711, supplied.
P10531 hex locknut, special
order
Insulation: Rigid plastic spacers
with plastic tubing through
stack. Rigid plastic and/or
thermoplastic lifters. Thermoplas-
tic cam on actuator end
Specifications - 8400 Series
Electrical
Temperature Range: -22˚F to
158˚F (-30˚C to +70˚C)
Dielectric Strength: 1 kV DC
Leakage Resistance: 1,000 MW
or greater
Materials
Mounting/Retaining Clips and
Covers: Steel, plated
Contact Ratings: Gold crossbar
rated at 1A, 200W Maximum
AC non-inductive loads
(continued on next page)
12011
12010
12017
12013
12014
12012
12015
12016
Note: Knobs must be ordered separately.
84206L
PL106205
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com