Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 12 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 12 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 8Page - Switchcraft, Inc. K460 Datasheet HTML 9Page - Switchcraft, Inc. K460 Datasheet HTML 10Page - Switchcraft, Inc. K460 Datasheet HTML 11Page - Switchcraft, Inc. K460 Datasheet HTML 12Page - Switchcraft, Inc. K460 Datasheet HTML 13Page - Switchcraft, Inc. K460 Datasheet HTML 14Page - Switchcraft, Inc. K460 Datasheet HTML 15Page - Switchcraft, Inc. K460 Datasheet HTML 16Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
PATCHBAYS
11
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
EZ Norm Patchbay Series
Harness Assembly
Front Access
Racks
The EZ Norm comes in 3 different rack heights, 1RU, 1.5RU, and 2 RU.
The Front Access option offers a
slide-out tray, allowing the end
user to re-terminate the patch-
bay from the front of the rack.
The EZ Norm is also offered as a
harness assembly, with a standard
harness of 4 ft. Custom lengths are
available, call Switchcraft® for details.
TT
EZN
_
10
_
_
E90
IDC
SL
_
H
15
P
D
E56
3PIN
CDL
T
20
E38
WW
FA
B
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com