Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 4 Page - Switchcraft, Inc.

  K460 Datasheet HTML 1Page - Switchcraft, Inc. K460 Datasheet HTML 2Page - Switchcraft, Inc. K460 Datasheet HTML 3Page - Switchcraft, Inc. K460 Datasheet HTML 4Page - Switchcraft, Inc. K460 Datasheet HTML 5Page - Switchcraft, Inc. K460 Datasheet HTML 6Page - Switchcraft, Inc. K460 Datasheet HTML 7Page - Switchcraft, Inc. K460 Datasheet HTML 8Page - Switchcraft, Inc. K460 Datasheet HTML 9Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
Jacks & Plugs
Jack Series
Littel Phone, Hi-D, Right Angle PC Mount 1/4", 1/4"
Extension Jack Series ..............................................65
Thick Panel/Guitar, Locking 1/4", Tini, Tini-
Extension, Micro, 3.5mm ........................................67
Phono, Phono Extension, TT or Bantam, MT 1/4”
Jack Series ................................................................69
Power/Jacks Plugs Series – 700, S700,
800 Cord & Panel Style Series ................................71
Jack Series Dimension Drawings ........................72–82
Littel Phone, Hi-D, 1/4” Extension, 700 Panel Jack
Series ........................................................................72
Littel Phone, Hi-D, 1/4” Extension Jack Series ......73
Right Angle PC Mount 1/4” Jack Series ................74
Thick Panel/Guitar, Locking 1/4”, Tini, Tini
Extension Jack Series ..............................................75
Micro, 3.5mm Jack Series ......................................76
3.5mm Jack Series..............................................77–79
Phono and Phono Extension Jack Series ..............80
TT or Bantam Jack Series........................................81
MT 1/4” Jack Series..................................................82
Plug Series
Littel 1/4”, Right Angle 1/4”, Silent, Super Heavy
Duty Plug Series ......................................................83
Tini, Micro, 3.5mm Stereo, Right Angle 3.5mm
Stereo, Phono, Right Angle Phono Plugs Series ..85
TT or Bantam, Mil-Style 1/4” Plugs Series ............87
Plug Series Dimension Drawings ........................88–93
Littel Plug 1/4” Series ..............................................88
Littel Right Angle 1/4”, Silent, Super
Heavy Duty Plug Series ..........................................89
Tini, Micro Plug Series ............................................90
35HD 3.5mm Stereo Plug Series ............................91
Phono and Phone Right Angle Plug Series ..........92
TT or Bantam, Mil-Style 1/4” Plug Series ............93
Switches
Switch Series ..........................................................94–95
Switch Series Dimension Drawings ..........................96
Limited Lifetime Warranty
Switchcraft warrants all of its products to be of sound
design, good materials and workmanship at the time of
manufacture.
Switchcraft will repair or replace at its discretion any
product proven to be defective under normal use.
Switchcraft’s liability under the terms of this warranty
is limited to the repair or replacement of defective products
which have not been damaged through accident, abuse,
misuse or unauthorized repair. Switchcraft shall in no
case be liable for special or consequential damages of
any nature.
3
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
33
Table of Contents
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com