Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 9 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 9 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 5Page - Switchcraft, Inc. K460 Datasheet HTML 6Page - Switchcraft, Inc. K460 Datasheet HTML 7Page - Switchcraft, Inc. K460 Datasheet HTML 8Page - Switchcraft, Inc. K460 Datasheet HTML 9Page - Switchcraft, Inc. K460 Datasheet HTML 10Page - Switchcraft, Inc. K460 Datasheet HTML 11Page - Switchcraft, Inc. K460 Datasheet HTML 12Page - Switchcraft, Inc. K460 Datasheet HTML 13Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
PATCHBAYS
8
Features and Benefits
• Easy slide-out tray slides forward
for easy re-termination from the
front of the rack
• Available with either 48 MT style
or 96 TT style jacks in a 1RU
space
• Attractive, corrosion resistant
nickel-plated, steel frame jacks
• Gold-plated switching contacts
reduce contact resistance,
improves reliability
• Extra wide designation strips
for easy channel identification
• Rugged, attractive black
epoxy-finished steel chassis
• Configurations available include
normals strapped and normals
brought out
Specifications
Materials
Jacks
Frame: Nickel-plated steel
Bushing: Nickel-plated brass
Tip, Ring and Shunt Springs:
Nickel silver with welded
contacts
Assembly Screws: Nickel-plated
steel
Welded Contacts: Gold alloy
Panel
Frame: C.R.S. black epoxy
painted
Designation Strips: Black
polycarbonate 94V-0
Designation Strip Covers: Clear
polycarbonate
Jack Inserts: Thermoplastic 94V-0
Mechanical
Life: 30,000 cycles
Insertion Force: 7 lbs. maximum
Withdrawal Force: 1 lb. minimum
Operating: -20˚C to +65˚C
Electrical
Jack Contact Resistance:
30 milliohms initial maximum;
50 milliohms after life
Jack Insulation Resistance:
10,000 megohms maximum
Dielectric Withstanding Voltage:
500V at 60 Hz AC
Working Voltage: 100 milliamps or
less; maximum 56.5 VDC
Front Access Series
Ordering Information
Part Number Type of Jack
No. of Jacks
Description
TTPFA96K1NS
TT
96
1.75" High, normals strapped
TTPFA96K1NO
TT
96
1.75" High, normals brought out
MTPFA48K1NS
MT
48
1.75" High, normals strapped
MTPFA48K1NO
MT
48
1.75" High, normals brought out
The Front Access Series offers the end user the ease of re-terminating patchpoints
from the front of the rack as opposed to the back. A slide out tray allows the user
to slide out the punchdown terminals and reconfigure the unit. An easy release
mechanism on either side of the unit allows it to be pushed back into place and
easy to grip locking nuts tighten the unit in place.
TTPFA96K1NS
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com