Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 88 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 88 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 84Page - Switchcraft, Inc. K460 Datasheet HTML 85Page - Switchcraft, Inc. K460 Datasheet HTML 86Page - Switchcraft, Inc. K460 Datasheet HTML 87Page - Switchcraft, Inc. K460 Datasheet HTML 88Page - Switchcraft, Inc. K460 Datasheet HTML 89Page - Switchcraft, Inc. K460 Datasheet HTML 90Page - Switchcraft, Inc. K460 Datasheet HTML 91Page - Switchcraft, Inc. K460 Datasheet HTML 92Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
JACKS & PLUGS
87
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
Plug Series
TT or Bantam, Mil-Style 1/4" Plugs Series
Switchcraft leads the industry when
developing innovative TT and MT
Style plugs. Our “N” version plugs
offer nickel-plated plug fingers to
reduce tarnishing and corrosion.
Our “NC” version plugs not only
offer nickel-plated plug fingers, but
also large, easy to use solder cups
and terminals, plus easy to use
cable clamps that really secure your
cable to the plugs.
Specifications
Materials
Tip Rod, Body and Screws:
Copper alloy, natural finish
Terminals (NC Version): Tinned
copper alloy
Insulation: Thermoplastic, per
Mil-P-22985, Type II, Class 1
Handles: Thermoplastic, Type 6,
per Mil-M-20693, Type II
Shielded (NC Version): Machined
from copper alloy, nickel-plated
482
482NC
TT253NC
TT254
Ordering Information
Part No.
Conductors
Terminals
Handle
Notes
TT or Bantam Plugs
TT253
3
Screw
Black
TT253N
3
Screw
Black
Nickel-plated finger
TT253NC
3
Solder
Black
Nickel-plated finger
TT254
3
Screw
Red
TT254N
3
Screw
Red
Nickel-plated finger
TT254NC
3
Solder
Red
Nickel-plated finger
Mil-Style 1/4 Plugs
480
3
Screw
Black
0.206" OD
482
3
Screw
Red
482N
3
Screw
Red
Nickel-plated finger
482NC
3
Solder
Red Shielded
Nickel-plated finger
482NCP
3
Solder
Red
Nickel-plated finger
483
3
Screw
Black
483N
3
Screw
Black
Nickel-plated finger
483NC
3
Screw
Black Shielded
Nickel-plated finger
483NCP
3
Solder
Black
Nickel-plated finger
484
3
Screw
Red
0.206" OD
485NC
3
Solder
Shielded
Nickel-plated finger
See Page 93 for
Mechanical Drawings
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com