Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 27 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 27 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 23Page - Switchcraft, Inc. K460 Datasheet HTML 24Page - Switchcraft, Inc. K460 Datasheet HTML 25Page - Switchcraft, Inc. K460 Datasheet HTML 26Page - Switchcraft, Inc. K460 Datasheet HTML 27Page - Switchcraft, Inc. K460 Datasheet HTML 28Page - Switchcraft, Inc. K460 Datasheet HTML 29Page - Switchcraft, Inc. K460 Datasheet HTML 30Page - Switchcraft, Inc. K460 Datasheet HTML 31Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
PATCHBAYS
26
Features and Benefits
• Units feature either 48 or 52
MT Jax®
• Steel frame jacks for superior
jack life
• Attractive, corrosion resistant
nickel-plated jacks
• Gold switching contacts for
long-term reliability in normal-
through connections
• Offset ground terminal for ease
in making common ground buss
connections
• Fanned solder terminals for
easier solder connections
• Cable tie bar takes the weight
of cables off the jacks
• Four jack configurations
available for the exact switching
arrangement: full normal, half
normal, non-normal, and
normals strapped
Specifications
Materials
Jacks
Frame: Steel, nickel-plated
Bushing: Brass, nickel-plated
Springs: Nickel silver, solder lugs
Ground Terminal: Nickel silver,
solder lugs
Switching Contacts: Welded,
gold alloy
Insulation: Phenolic spacers, rigid
PVC tubing through stack
Screws: Steel, nickel-plated
Panel
Jack Panel: Thermoplastic
Cable Support Bracket: 5/16"
diameter black epoxy painted
steel rod
Screws (designation strip): Steel,
black zinc-plated
Screws (mounting jack): Steel,
nickel plated
Kwik-change® Designation Strip:
Extruded aluminum, black anodized
Marking Strip:
White plastic, matte finish
Marking Strip Cover:
Clear, extruded plastic
MT48/MT52 Patchbay Series
Mechanical
Life: 30,000 cycles
Insertion Force: 7 lbs. maximum
Withdrawal Force: 1 lb. minimum
Operating: 0˚C to +50˚C
Electrical
Contact Resistance: 30 milliohms
maximum initial
Insulation Resistance: 10,000
megohms maximum
Dielectric Withstanding Voltage:
500VAC at 60 Hz
Working Voltage: 140VDC
maximum
Current Rating: 100 milliamps
Ordering Information
Part Number
Type of Jack
No. of Jacks
Description
MT48FN
MT
48
Full normals
MT48HN
MT
48
Half normals
MT48NN
MT
48
No normals
MT48NS
MT
48
Normals strapped
MT52FN
MT
52
Full normals
MT52HN
MT
52
Half normals
MT52NN
MT
52
No normals
MT52NS
MT
52
Normals strapped
The MT48/52 Series patchbays offer a rugged cable tie bar to support rear
cabling. Also available is the normals strapped configuration which has the shunts
or normals tied together, top to bottom jacks.
MT48FN
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com