Electronic Components Datasheet Search
  English  ▼

X  

K460 Datasheet(PDF) 85 Page - Switchcraft, Inc.

Part # K460
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 Datasheet(HTML) 85 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 81Page - Switchcraft, Inc. K460 Datasheet HTML 82Page - Switchcraft, Inc. K460 Datasheet HTML 83Page - Switchcraft, Inc. K460 Datasheet HTML 84Page - Switchcraft, Inc. K460 Datasheet HTML 85Page - Switchcraft, Inc. K460 Datasheet HTML 86Page - Switchcraft, Inc. K460 Datasheet HTML 87Page - Switchcraft, Inc. K460 Datasheet HTML 88Page - Switchcraft, Inc. K460 Datasheet HTML 89Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
JACKS & PLUGS
84
Ordering Information
Typical
Part No. Conductors
Terminals Mating Jack
Handle
Notes
1/4"" Littel Plug Series
240
2
Screw
11
Black
245
2
Screw
11
Red
250
2
Solder
11
Black
260
2
Screw
11
Black
270
2
Screw
11
Black
280
2
Solder
11
Shielded
281
2
Solder
11
Shielded
Unassembled
580
2
Solder
11
Shielded
Diecast handle
285
2
Solder
11
Shielded
Unassembled
285L
2
Solder
11
Shielded
Larger cable clamp
267
3
Solder
12B
Black
290
3
Screw
12B
Shielded
297
3
Solder
12B
Shielded
299
3
Solder
12B
Shielded
Diecast handle
Heavy Duty Speaker Plugs
184
2
Solder
11 or Z15J
Shielded
Accepts Cable OD up to .375"
188
2
Solder
11 or Z15J
Shielded
Accepts Cable OD up to .450"
187
2
Solder
11 or Z15J
Shielded
Accepts Cable OD up to .330"
187B
2
Solder
11 or Z15J
Shielded
Black Handle, accepts Cable
OD up
to .330"
Right Angle 1/4" Plugs
226
2
Solder
11
Shielded
228
2
Solder
11
Shielded
Flat handle
236
3
Solder
12B
Shielded
238
3
Solder
12B
Flat handle
Silent Plug
172
2
Screw
11
Shielded
181
2
Solder
11
Shielded
Miti Plugs
174S
2
Solder
11 or Z15J
Shielded
Brass finish, spring flex relief
Plug Series
See Pages 88-89 for Mechanical Drawings
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com